Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IBC60 Datasheet(PDF) 2 Page - Emerson Network Power

Part # IBC60
Description  Fixed Ratio 2nd Generation IBC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

IBC60 Datasheet(HTML) 2 Page - Emerson Network Power

  IBC60 Datasheet HTML 1Page - Emerson Network Power IBC60 Datasheet HTML 2Page - Emerson Network Power IBC60 Datasheet HTML 3Page - Emerson Network Power IBC60 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. 02.11.09_162
Quarter-Brick Fixed IBC60
2 of 4
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
EMCCharacteristics
Immunity:
ESDairenclosure:
EN61000-4-28kV,6kV
Air,contact
Inputtransients:
Inputvoltage
Durationbeforeshutdown
>59V
2 Seconds
>60V
1Second
>62V
0Seconds
GeneralSpecifications
Efficiency:
97%
Basicinsulation:
Input/output
2250Vdc
Switchingfrequency:
Fixed
340kHztyp.
Approvalsand(Pending)standards:
(SeeNote5)
EN60950-1VDE
UL/cUL60950-1
Materialflammability:
UL94V-0
Weight:
59g(2.08oz)
MTBFrepresentativemodel:
TelcordiaTechSR-332
48Vin,40˚C,50%load
groundbenign
TBDhours
Protection:
Short-circuit
Hiccup
Overvoltage:
(SeeNote9)
Non-latching
Thermal
140˚Chotspot
EnvironmentalSpecifications
ThermalPerformance:
Operatingambienttemperature
Non-operating
-40˚C-+85˚C
-55˚Cto+125˚C
ElectricalSpecificationsContinued



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com