Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH05060YAS Datasheet(PDF) 1 Page - Emerson Network Power

Part # PTH05060YAS
Description  Non-isolated DDR/QDR Memory Bus Termination Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PTH05060YAS Datasheet(HTML) 1 Page - Emerson Network Power

  PTH05060YAS Datasheet HTML 1Page - Emerson Network Power PTH05060YAS Datasheet HTML 2Page - Emerson Network Power PTH05060YAS Datasheet HTML 3Page - Emerson Network Power PTH05060YAS Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC-DC CONVERTERS
Non-isolated DDR/QDR Memory Bus Termination Module
1
NEW Product
File Name: pthxx060y.pdf Rev (02): 19 Dec 2005
2 YEAR WARRANTY
All specifications are typical at nominal input, VREF = 1.25 V, full load at 25 °C
unless otherwise stated. Cin, Co1 and Co2 = typical value
SPECIFICATIONS
• VTT bus termination output (output the system VREF)
• 10 A output current
• 3.3 Vdc, 5 Vdc or 12 Vdc input voltage
• DDR and QDR compatible
• ON/OFF inhibit (for VTT standby)
• Under-voltage lockout
• Operating temperature range: -40 ºC to +85 ºC
• Efficiencies up to 91%
• Output overcurrent protection (non-latching, auto-reset)
• Point-of-Load-Alliance (POLA) compatible
• Available RoHS compliant
PTHxx060Y
3.3/5/12 Vin Single Output
The PTHxx060Y are a new series of non-isolated dc-dc converters designed specifically
for bus termination in DDR and QDR memory applications. Operating from either a
3.3 Vdc, 5 Vdc or 12 Vdc input, the modules generate a VTT output that will source or
sink up to 10 A of current to accurately track their VREF input. VTT is the required bus
termination supply voltage, and VREF is the reference voltage for the memory and chipset
bus receiver comparators. VREF is usually set to half the VDDQ power supply voltage.
The PTHxx060Y series employs an actively switched synchronous rectifier output to
provide state of the art stepdown switching conversion. The products are small in size
and are an ideal choice where space, performance and high efficiency are desired.
OUTPUT SPECIFICATIONS
Output current
(over ∆VREF range)
±10 A
(See Note 1)
Tracking range for VREF
0.55-1.8 V
Tracking tolerance to VREF (VTT - VREF)
-10 mV to +10 mV
(over line, load
and temperature)
Ripple and noise
20 MHz bandwidth
20 mV pk-pk
Load transient response
30 µs settling time
(See Note 4)
Overshoot/undershoot 25 mV typ.
Output capacitance:
Non-ceramic values
PTH03060Y 470 µF typ., 5,500 µF max.
(See Notes 4 and 5)
PTH05060Y 470 µF typ., 5,500 µF max.
PTH12060Y 940 µF typ., 5,500 µF max.
Ceramic values
PTH03060Y
200 µF typ., 300 µF max.
(See Note 4)
PTH05060Y
200 µF typ., 300 µF max.
PTH12060Y
400 µF typ., 600 µF max.
(See Note 6)
ESR (non-ceramic)
4 m
Ω min
INPUT SPECIFICATIONS
Input current
No load
10 mA
Input voltage range
PTH03060Y
2.95-3.65 Vdc
PTH05060Y
4.5-5.5 Vdc
PTH12060Y
10.8-13.2 Vdc
Undervoltage lockout:
PTH03060Y
Vin increasing
2.45 V typ., 2.80 V max.
Vin decreasing
2.20 V min., 2.40 V typ.
PTH05060Y
Vin increasing
4.30 V typ., 4.45 V max.
Vin decreasing
3.40 V min., 3.70 V typ.
PTH12060Y
Vin increasing
9.5 V typ., 10.4 V max.
Vin decreasing
8.80 V min., 9.0 V typ.
INPUT SPECIFICATIONS CONTD.
Input capacitance
PTH03060Y and PTH05060Y
330 µF
(See Note 3)
PTH12060Y
560 µF
Remote ON/OFF
Positive logic
GENERAL SPECIFICATIONS
Efficiency
PTH03060Y
86% typ.
(Io = 8 A)
PTH05060Y
86% typ.
PTH12060Y
83% typ.
Insulation voltage
Non-isolated
Switching frequency
PTH03060Y
550-650 kHz
PTH05060Y
550-650 kHz
PTH12060Y
200-300 kHz
Approvals and
EN60950
standards
UL/cUL60950
Material flammability
UL94V-0
Dimensions
(L x W x H)
25.27 x 15.75 x 9.00 mm
0.995 x 0.620 x 0.354 in
Weight
3.7 g (0.13 oz)
MTBF
Telcordia SR-332
6,000,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
-40 ºC to +85 ºC
(See Note 2)
temperature
Non-operating
-40 ºC to +125 ºC
MSL (‘Z’ suffix only)
JEDEC J-STD-020C
Level 3
PROTECTION
Overcurrent threshold
All models
20 A typ.
(auto reset)


Similar Part No. - PTH05060YAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH05060YAS TI-PTH05060YAS Datasheet
838Kb / 19P
MEMORY BUS TERMINATION MODULES
logo
Artesyn Technologies
PTH05060YAS ARTESYN-PTH05060YAS Datasheet
232Kb / 4P
DC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module
logo
Texas Instruments
PTH05060YAS TI2-PTH05060YAS Datasheet
892Kb / 19P
10-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES
REVISED OCTOBER 2005
logo
Artesyn Technologies
PTH05060YAST ARTESYN-PTH05060YAST Datasheet
232Kb / 4P
DC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module
More results

Similar Description - PTH05060YAS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3413 LINER-LTC3413 Datasheet
243Kb / 16P
3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
logo
Texas Instruments
PTH12050Y TI-PTH12050Y Datasheet
267Kb / 7P
6-A Non-Isolated DDR/QDR Memory Bus Termination Modules
PTH03010Y TI-PTH03010Y Datasheet
776Kb / 18P
15-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES
logo
Artesyn Technologies
PTHXX050Y ARTESYN-PTHXX050Y Datasheet
220Kb / 4P
DC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module
PTHXX060Y ARTESYN-PTHXX060Y Datasheet
232Kb / 4P
DC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module
logo
Linear Technology
LTC3718 LINER-LTC3718 Datasheet
243Kb / 20P
Low Input Voltage DC/DC Controller for DDR/QDR Memory Termination
LTC3413IFE LINER-LTC3413IFE Datasheet
259Kb / 16P
3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
LTC3413 LINER-LTC3413_15 Datasheet
259Kb / 16P
3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
LTC3718 LINER-LTC3718_15 Datasheet
253Kb / 20P
Low Input Voltage DC/DC Controller for DDR/QDR Memory Termination
logo
ON Semiconductor
NCP51198 ONSEMI-NCP51198 Datasheet
111Kb / 9P
DDR Memory Termination Regulator
April, 2015 ??Rev. 3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com