Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIL25C Datasheet(PDF) 2 Page - Emerson Network Power

Part # SIL25C
Description  DC-DC CONVERTERS C Class Non-isolated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SIL25C Datasheet(HTML) 2 Page - Emerson Network Power

  SIL25C Datasheet HTML 1Page - Emerson Network Power SIL25C Datasheet HTML 2Page - Emerson Network Power SIL25C Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
SIL25C Series
12 Vin single negative output
DC-DC CONVERTERS
C Class Non-isolated
2
NEW Product
N
No
otte
es
s
1
Uses external resistor. See Application Note 1
48 for details.
2
Measured with external filter. See Application Note
148 for details.
3
di/dt = 1 A/µs, Vin = Nom, Tc = 25 °C, load change = 0.5 lo max to 0.75
lo max and 0.75 lo max to 0.5 lo max.
4
External input fusing is recommended.
5
Power up is the time from application of dc input to POWER GOOD high.
Remote ON/OFF asserted high to POWER GOOD high.
6
Signal line assumed <3 m.
7
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
8
See Application Note
148 for operation above 50ºC.
9
See Application Note
148 for ripple current requirements.
10 Output can be adjusted from -4.5 Vdc to -5.5 Vdc.
11 TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for details.
12 NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool
at http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
OUTPUT
INPUT
OVP
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
(10)
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER
(11,12)
(MAX.)
(MIN.)
(MAX.)
125 W
10.2-13.8 Vdc
N/A
-5.05 V
0 A
25 A
90%
±1.0%
±1.0%
SIL25C-12SNEG-VJ
File Name: sil25c_12_neg.pdf Rev (02): 16 Dec 2005
SIL25C-12SNEG-VJ
Part Number System with Options
Rated Output Current
25 = 25 Amps
Product Family
SIL = Single in Line
Performance
C = Cost Optimized
Mounting Option
V = Vertical Mount
Packaging Options (11)
J = Pb-free (RoHS 6/6 compliant)
Polarity
NEG = -5.05 V
Number of Outputs
S = Single Output
Input Voltage
12 = 10.2 Vdc to 13.8 Vdc



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com