Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMT05E Datasheet(PDF) 2 Page - Emerson Network Power

Part # SMT05E
Description  non-isolated dc-dc converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT05E Datasheet(HTML) 2 Page - Emerson Network Power

  SMT05E Datasheet HTML 1Page - Emerson Network Power SMT05E Datasheet HTML 2Page - Emerson Network Power SMT05E Datasheet HTML 3Page - Emerson Network Power SMT05E Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev.06.26.07
smt05e_12
2 of 4
Embedded Power for
Business-Critical Continuity
All specifications are typical at nominal input, full load at 25
°C unless otherwise stated.
Specifications
OUTPUT SPECIFICATIONS
Voltage adjustability
0.8-3.63 Vdc
Setpoint accuracy
±0.4% typ.
Line regulation
±0.2% typ.
Load regulation
±1.0% typ.
Total error band
±3.0% typ.
Minimum load
0 A
Overshoot/undershoot
None
Ripple and noise
5 Hz to 20 MHz
60 mV pk-pk
25 mV rms
Temperature co-efficient
±0.01%/°C
Transient response
50 mV max. deviation
50 μs recovery to
within ±1.0%
INPUT SPECIFICATIONS
Input voltage range
10-14 Vdc
Input current
No load (max.)
100 mA
Input current (max.)
1.85 A max. @ Io max.
and Vout = 3.3 V
Input reflected ripple
30 mA rms
Remote ON/OFF
(See Note 1)
Start-up time
20 ms
EMC CHARACTERISTICS
Electrostatic discharge
EN61000-4-2, IEC801-2
Conducted immunity
EN61000-4-6
Radiated immunity
EN61000-4-3
GENERAL SPECIFICATIONS
Efficiency
91%
Insulation voltage
Non-isolated
Switching frequency
Fixed
330 kHz typ.
Approvals and
EN60950
standards
UL/cUL60950
Material flammability
UL94V-0
Dimensions
(LxWxH)
20.32 x 11.43 x 5.97 mm
0.800 x 0.450 x 0.235 inches
Weight
3 g (0.11 oz)
Coplanarity
100 μm
MTBF
Telcordia SR-332
6,920,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
-40 °C to +100 °C
(See Note 2)
temperature
Non-operating
-40 °C to +125 °C
PROTECTION
Short-circuit
Continuous
Thermal
Automatic recovery



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com