Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMT15C Datasheet(PDF) 1 Page - Emerson Network Power

Part # SMT15C
Description  new high density open-frame, non-isolated converter for space sensitive applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT15C Datasheet(HTML) 1 Page - Emerson Network Power

  SMT15C Datasheet HTML 1Page - Emerson Network Power SMT15C Datasheet HTML 2Page - Emerson Network Power SMT15C Datasheet HTML 3Page - Emerson Network Power SMT15C Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The SMT15C series is a new high density open-frame, non-isolated
converter for space sensitive applications. Each model has a wide
input range (4.5 Vdc to 5.5 Vdc or 10.2 Vdc to 13.8Vdc) and offers
a wide 0.9 Vdc to 5.0 Vdc output voltage range with a 15 A load.
An external resistor adjusts the output voltage from its pre-set
value of 0.9 V to any value up to the 5 V maximum. Typical
efficiencies for the models are 89% for the 5 V input version and
91% for the 12 V input version. The series offers remote ON/OFF
and overcurrent protection as standard. With full international
safety approvals including EN60950 and UL/cUL60950, the
SMT15C reduces compliance costs and time to market.
Embedded Power for
Business-Critical Continuity
SMT15C Series
5 Vin and 12 Vin
single output
Special Features
• 15 A current rating
• Input voltage range:
4.5 Vdc - 5.5 Vdc or
10.2 Vdc - 13.8 Vdc
• Output voltage range:
0.9 Vdc - 3.3/5.0 Vdc
• Industry leading value
• Cost optimized design
• Excellent transient response
• Output voltage adjustability
• Pathway for future
upgrades
• Supports silicon voltage
migration
• Resulting in reduced
design-in and qualification
time
• Designed in reliability:
MTBF of >7 million hours
per Telcordia SR-332
• Available RoHS compliant
• 2 year warranty
Total Power:
50W
Input Voltage: 4.5-5.5 Vdc
# of Outputs:
Single
Safety
UL/cUL CAN/CSA 22.2 No. 60950
UL 60950 File No. E139421
TÜV Product Service
(EN60950:2000)
Certificate No. B 04 08 19870 228
CB report and certificate to
US/6415C/UL
Rev.06.25.07
SMT15C
1 of 4


Similar Part No. - SMT15C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SMT15C ARTESYN-SMT15C Datasheet
182Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT15C-05SADJJ ARTESYN-SMT15C-05SADJJ Datasheet
182Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT15C-05SADJJ ARTESYN-SMT15C-05SADJJ Datasheet
549Kb / 3P
POWER Non-Isolated DC-DC Converter
SMT15C-05SADJJ ARTESYN-SMT15C-05SADJJ_15 Datasheet
549Kb / 3P
POWER Non-Isolated DC-DC Converter
SMT15C-12SADJJ ARTESYN-SMT15C-12SADJJ Datasheet
182Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
More results

Similar Description - SMT15C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASD15H-12S3 ETC1-ASD15H-12S3 Datasheet
531Kb / 3P
Isolated and Regulated 15 WATT Open Frame DC/DC Converter
ASD05H ETC2-ASD05H Datasheet
781Kb / 3P
Isolated and Regulated 5 WATT Open Frame DC/DC Converter
ASD10H ETC2-ASD10H Datasheet
781Kb / 3P
Isolated and Regulated 10 WATT Open Frame DC/DC Converter
logo
Astrodyne Corporation
ASD15H ASTRODYNE-ASD15H Datasheet
531Kb / 3P
Isolated and Regulated 15 WATT Open Frame DC/DC Converter
logo
Emerson Network Power
SMT20C EMERSON-NETWORKPOWER-SMT20C Datasheet
258Kb / 4P
new high density open frame non-isolated converter
SMT40C EMERSON-NETWORKPOWER-SMT40C Datasheet
255Kb / 4P
new high density open frame non-isolated converter
logo
List of Unclassifed Man...
1619-1 ETC2-1619-1 Datasheet
493Kb / 1P
Space saving design for high density packaging
logo
Astrodyne Corporation
ASD05H ASTRODYNE-ASD05H_16 Datasheet
348Kb / 3P
Isolated and Regulated 5 WATT Open Frame DC/DC Converter
ASD07H ASTRODYNE-ASD07H_16 Datasheet
348Kb / 3P
Isolated and Regulated 7 WATT Open Frame DC/DC Converter
logo
Wall Industries,Inc.
POL30 WALL-POL30_18 Datasheet
309Kb / 5P
Up to 30A DC/DC Non-Isolated Open Frame Converter Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com