Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMT30E Datasheet(PDF) 2 Page - Emerson Network Power

Part # SMT30E
Description  12 Vin single output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT30E Datasheet(HTML) 2 Page - Emerson Network Power

  SMT30E Datasheet HTML 1Page - Emerson Network Power SMT30E Datasheet HTML 2Page - Emerson Network Power SMT30E Datasheet HTML 3Page - Emerson Network Power SMT30E Datasheet HTML 4Page - Emerson Network Power SMT30E Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev.11.07.08_94
SMT15E_12M
2 of 5
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Input
Inputvoltagerange:
8 - 14 Vdc
Inputcurrent:
Noload(max.)
250mA
Inputcurrent(max.):
9.2Amax.@lomax.
and Vout=3.3V
Inputreflectedripple:
220mArms
RemoteON/OFF:
(Seenote1)
Start-uptime:
20ms
Thermalperformance:
Operatingambient,
-40°Cto+85°C
temperature
Non-operating
-40°Cto+125°C
MSL:
JEDECJ-STD-020C
Level3
Protection
Short-circuit:
Continuous
Thermal:
Automaticrecovery
EnvironmentalSpecifications
GeneralSpecifications
Efficiency:
@12Vin,3.3Vout
91%typ.
Insulationvoltage:
Non-isolated
Switchingfrequency:
Fixed
1.3MHztyp.
Approvalsandstandards:
EN60950-1
UL/cUL60950-1
Materialflammability:
UL94V-0
Dimensions:
(LxWxH)
33.02x13.46x8.10mm
1.3x0.53x0.319inches
Weight:
6.3g(0.22oz.)
Coplanarity:
100µm
MTBF:
TelcordiaSR-332
3,289,053hours
EMCCharacteristics
Electrostaticdischarge:
EN61000-4-2,IEC801-2
Conductedimmunity:
EN61000-4-6
Radiatedimmunity:
EN61000-4-3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com