Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4304CDD Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4304CDD
Description  Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4304CDD Datasheet(HTML) 1 Page - Linear Technology

  LTC4304CDD Datasheet HTML 1Page - Linear Technology LTC4304CDD Datasheet HTML 2Page - Linear Technology LTC4304CDD Datasheet HTML 3Page - Linear Technology LTC4304CDD Datasheet HTML 4Page - Linear Technology LTC4304CDD Datasheet HTML 5Page - Linear Technology LTC4304CDD Datasheet HTML 6Page - Linear Technology LTC4304CDD Datasheet HTML 7Page - Linear Technology LTC4304CDD Datasheet HTML 8Page - Linear Technology LTC4304CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC4304
1
4304fa
Hot Swappable 2-Wire
Bus Buffer with Stuck
Bus Recovery
The LTC®4304 hot swappable 2-wire bus buffer allows I/O
card insertion into a live backplane without corruption of
the data and clock busses. When a connection is made,
the LTC4304 provides bidirectional buffering, keeping the
backplane and card capacitances isolated. If SDAOUT or
SCLOUT is low for ≥30ms (typ), the LTC4304 automatically
breaks the data and clock bus connection and FAULT will
pull low. At this time the LTC4304 automatically generates
up to 16 clock pulses on SCLOUT in an attempt to free the
bus. A connection will be enabled automatically when the
bus becomes free. A logic low on the ACC input enables
the LTC4304’s rise-time accelerators. A logic high on ACC
disables the rise-time accelerators, which allows SDA and
SCL bus pull-up voltages below VCC.
During insertion, the SDA and SCL lines are precharged
to 1V to minimize bus disturbances. When driven high,
ENABLE allows the LTC4304 to connect after a stop bit or
bus idle occurs. Driving ENABLE low breaks the connection
between SDAIN and SDAOUT, SCLIN and SCLOUT. READY
is an open drain output that indicates when the backplane
and card sides are connected together.
■
Automatic Disconnect of SDA/SCL Lines when Bus
is Stuck Low for ≥30ms
■
Fault Flag for Stuck Bus
■
Recovers Stuck Busses with Automatic Clocking*
■
Bidirectional Buffer* for SDA and SCL Lines
Increases Fanout
■
Prevents SDA and SCL Corruption During Live
Board Insertion and Removal from Backplane
■
Allows Bus Pullup Voltages Above and Below VCC
■
±15kV Human Body Model ESD Protection
■
Isolates Input SDA and SCL Lines from Output
■
Compatible with I2CTM, I2C Fast-Mode and SMBus
Standards (Up to 400kHz Operation)
■
READY Open Drain Output
■
1V Precharge on All SDA and SCL Lines
■
High Impedance SDA, SCL Pins for VCC = 0V
■
ENABLE Gates Connection from Input to Output
■
MSOP 10-Pin and DFN (3mm × 3mm) Packages
■
Hot Board Insertion
■
Servers
■
Capacitance Buffer/Bus Extender
■
RAID Systems
CARD
100k
ENABLE
FAULT
CARD_SCL
CARD_SDA
SCLOUT
SCLIN
SDAOUT
READY
SDAIN
GND
VCC
LTC4304
ACC
0.01
µF
4304 TA01
10k
10k
10k
10k
5V
BACK_SCL
BACKPLANE
CONNECTOR
BACK_SDA
3.3V
3.3V
STAGGERED
CONNECTOR
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 6356140, 6650174, 7032051.
SDAOUT
5V/DIV
SCLOUT
5V/DIV
FAULT
5V/DIV
200
ms/DIV
STUCK LOW > 30ms
RECOVERS
DISCONNECT AT TIMEOUT
AUTOMATIC CLOCKING
4304 TA01b
SDAIN
5V/DIV
Stuck Bus Resolved with
Automatic Clocking
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
APPLICATIO S


Similar Part No. - LTC4304CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4304 LINER-LTC4304 Datasheet
759Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4304 LINER-LTC4304 Datasheet
761Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4304 LINER-LTC4304 Datasheet
201Kb / 20P
Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4304 LINER-LTC4304 Datasheet
294Kb / 20P
2-Wire Bus Buffers with High Noise Margin
LTC4304 LINER-LTC4304 Datasheet
208Kb / 20P
Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
More results

Similar Description - LTC4304CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4303 LINER-LTC4303 Datasheet
549Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4307 LINER-LTC4307 Datasheet
171Kb / 16P
Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4308 LINER-LTC4308 Datasheet
172Kb / 16P
Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4309 LINER-LTC4309 Datasheet
202Kb / 16P
Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
logo
Linear Dimensions Semic...
LTC4303CMS8PBF LINEAR_DIMENSIONS-LTC4303CMS8PBF Datasheet
555Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
logo
Linear Technology
LTC4303 LINER-LTC4303_15 Datasheet
555Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4304 LINER-LTC4304_15 Datasheet
650Kb / 16P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4307 LINER-LTC4307_15 Datasheet
182Kb / 16P
Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4308 LINER-LTC4308_15 Datasheet
173Kb / 16P
Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4309 LINER-LTC4309_15 Datasheet
205Kb / 16P
Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com