Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4304CMS Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4304CMS
Description  Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4304CMS Datasheet(HTML) 3 Page - Linear Technology

  LTC4304CMS Datasheet HTML 1Page - Linear Technology LTC4304CMS Datasheet HTML 2Page - Linear Technology LTC4304CMS Datasheet HTML 3Page - Linear Technology LTC4304CMS Datasheet HTML 4Page - Linear Technology LTC4304CMS Datasheet HTML 5Page - Linear Technology LTC4304CMS Datasheet HTML 6Page - Linear Technology LTC4304CMS Datasheet HTML 7Page - Linear Technology LTC4304CMS Datasheet HTML 8Page - Linear Technology LTC4304CMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC4304
3
4304fa
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, unless otherwise noted.
voltage than its input. The magnitude of this offset voltage as a function of
the pull-up resistor and VCC voltage is shown in the Typical Performance
Characteristics section.
Note 5: IPULLUPAC varies with temperature and VCC voltage, as shown in
the Typical Performance Characteristics section.
Note 6: Determined by design, not tested in production.
Note 7: ICC test performed with connection circuitry active.
Note 8: When floating, the ACC pin can tolerate ±5µA of leakage.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive; all voltages are referenced to
GND unless otherwise specified.
Note 3: Pulsed less than 5µs.
Note 4: The connection circuitry always regulates the output to a higher
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VHYS
SDA, SCL, Logic Input Threshold Voltage (Note 6)
50
mV
Hysteresis
tPLH
ENABLE Delay On-Off
VCC = 3.3V
300
ns
READY Delay Off-On
(Note 6)
10
ns
tPHL
ENABLE Delay Off-On
VCC = 3.3V
●
60
95
175
µs
READY Delay On-Off
(Note 6)
10
ns
IOFF_READY
Ready Off Leakage Current
●
±10
µA
Rise-Time Accelerators
IPULLUPAC
Transient Boosted Pull-Up Current
Positive Transition on SDA, SCL, VCC = 2.7V,
2
3.5
5.5
mA
Slew Rate = 0.8V/µs (Note 5)
tPDOFF
ACC Delay, On/Off
(Note 6)
5
ns
VIH
Input High Voltage
Measured on ACC
●
0.9VCC
V
VIL
Input Low Voltage
Measured on ACC
●
0.1VCC
V
IIN
ACC Input Current
ACC Shorted to GND or VCC (Note 8)
●
–100
100
µA
Bus Stuck Low Timeout
tTIMEOUT
Bus Stuck Low Timer
SDAOUT, SCLOUT = 0V
●
25
30
35
ms
VOLFAULT
FAULT Output Low Voltage
IPULLUP = 3mA
●
0.4
V
IOFF_FAULT
VCC = 5.5V
●
±10
µA
Input-Output Connection
VOS
Input-Output Offset Voltage
10k to VCC on SDA, SCL,
●
40
80
120
mV
2.7k to VCC on SDA, SCL
●
50
100
150
mV
VCC = 3.3V, VSDA/SCL = 0.2V (Note 4)
CIN
Digital Input Capacitance
(Note 6)
10
pF
SDAIN, SDAOUT, SCLIN, SCLOUT
VIL, MAX
Input Logic Low Voltage
●
0.4
V
ILEAK
Input Leakage Current
SDA, SCL, VCC = 5.5V
●
±5
µA
VOL
Output Low Voltage, Input = 0V
SDA, SCL Pins, ISINK = 4mA, VCC = 2.7V
●
0
0.19
0.3
V
Timing Characteristics
fI2C, MAX
I2C Maximum Operating Frequency
(Note 6)
400
600
kHz
tBUF
Bus Free Time Between Stop and Start
(Note 6)
1.3
µs
Condition
tHD, STA
Hold Time After (Repeated)
(Note 6)
100
ns
Start Condition
tSU, STA
Repeated Start Condition Set-Up Time
(Note 6)
0
ns
tSU, STO
Stop Condition Set-Up Time
(Note 6)
0
ns
tHD, DATI
Data Hold Time Input
(Note 6)
0
ns
tSU, DAT
Data Set-Up Time
(Note 6)
100
ns
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com