Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4306 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4306
Description  4-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4306 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4306 Datasheet HTML 12Page - Linear Technology LTC4306 Datasheet HTML 13Page - Linear Technology LTC4306 Datasheet HTML 14Page - Linear Technology LTC4306 Datasheet HTML 15Page - Linear Technology LTC4306 Datasheet HTML 16Page - Linear Technology LTC4306 Datasheet HTML 17Page - Linear Technology LTC4306 Datasheet HTML 18Page - Linear Technology LTC4306 Datasheet HTML 19Page - Linear Technology LTC4306 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC4306
4306f
20
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2005
LT/LWI/TP 0805 500 • PRINTED IN USA
APPLICATIO S I FOR ATIO
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1380/LTC1393
Single-Ended 8-Channel/Diffierential 4-Channel Analog
Low RON: 35Ω Single-Ended/70Ω Differential, Expandable to
Mux with SMBus Interface
32 Single or 16 Differential Channels
LTC1427-50
Micropower, 10-Bit Current Output DAC with SMBus
Precision 50
µA ±2.5% Tolerance Over Temperature, 4 Selectable
Interface
SMBus Addresses, DAC Powers Up at Zero or Midscale
LTC1694/LTC1694-1
SMBus Accelerator
Improved SMBus/I2C Rise Time, Ensures Data Integrity with Multiple
SMBus/I2C Devices
LT
®1786F
SMBus Controlled CCFL Switching Regulator
1.25A, 200kHz, Floating or Grounded Lamp Configurations
LTC1695
SMBus/I2C Fan Speed Controller in ThinSOT
TM
0.75
Ω PMOS 180mA Regulator, 6-Bit DAC
LTC1840
Dual I2C Fan Speed Controller
Two 100
µA 8-Bit DACs, Two Tach Inputs, Four GPIO
LTC4300A-1/LTC4300A-2 Hot Swappable 2-Wire Bus Buffer
Isolates Backplane and Card Capacitances
LTC4300A-3
Hot Swappable 2-Wire Bus Buffer
Provides Level Shifting and Enable Functions
LTC4301
Supply Independent Hot Swappable 2-Wire Bus Buffer
Supply Independent
LTC4301L
Hot Swappable 2-Wire Bus Buffer with Low Voltage
Allows Bus Pull-Up Voltages as Low as 1V on SDAIN and SCLIN
Level Translation
LTC4303/LTC4304
How Swappable Bus Buffers with Stuck Bus Recovery
Recover Stuck Buses with Automatic Clocking
LTC4305
2-Channel 2-Wire Multiplexer with Capacitance
2 Selectable Downstream Buses, Stuck Bus Disconnect, Rise Time
Buffering
Accelerators, Fault Reporting,
±10kV HBM ESD Tolerance
ThinSOT is a trademark of Linear Technology Corporation.
Figure 8. Downstream Side Hot-Swapping Application
VCC = 3.3V
TEMPERATURE
SENSOR
VCC
R6
10k
C1
0.01
µF
R7
10k
R8
10k
R4
10k
R5
10k
R2
10k
R3
10k
R1
1k
LED
MICRO-
CONTROLLER
VOLTAGE
MONITOR
R9
10k
R10
10k
R11
10k
TEMPERATURE
SENSOR
R12
10k
R13
10k
R14
10k
VOLTAGE
MONITOR
I/O CARD
R15
10k
R16
10k
R17
10k
4306 F08
VCC2 = 5V
VCC3 = 2.5V
VCC4 = 3.3V
OPEN
SCLIN
SDAIN
ENABLE
READY
GPI01
GPI02
ADR2
ADR1
ADR0
GND
SCL1
SDA1
SCL2
SDA2
SCL3
SDA3
SCL4
SDA4
VCC
ADDRESS = 1010 000
LTC4306UFD
ALERT4
ALERT3
ALERT2
ALERT
ALERT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com