Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4306CUFD Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4306CUFD
Description  4-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4306CUFD Datasheet(HTML) 3 Page - Linear Technology

  LTC4306CUFD Datasheet HTML 1Page - Linear Technology LTC4306CUFD Datasheet HTML 2Page - Linear Technology LTC4306CUFD Datasheet HTML 3Page - Linear Technology LTC4306CUFD Datasheet HTML 4Page - Linear Technology LTC4306CUFD Datasheet HTML 5Page - Linear Technology LTC4306CUFD Datasheet HTML 6Page - Linear Technology LTC4306CUFD Datasheet HTML 7Page - Linear Technology LTC4306CUFD Datasheet HTML 8Page - Linear Technology LTC4306CUFD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC4306
3
4306f
The
denotes specifications which apply over the full specified temperature
range, otherwise specifications are at TA = 25°C. VCC = 3.3V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VUVLOHYST
UVLO Threshold Hysteresis Voltage
100
175
250
mV
VTH EN
ENABLE Falling Threshold Voltage
0.8
1.0
1.2
V
VENHYST
ENABLE Threshold Hysteresis Voltage
60
mV
tPHLEN
ENABLE Delay, On-Off
60
ns
tPLHEN
ENABLE Delay, Off-On
20
ns
IINEN
ENABLE Input Leakage Current
VENABLE = 0V, 5.5V, VCC = 5.5V
0
±1
µA
VLOWREADY
READY Pin Logic Low Output Voltage
IPULL-UP = 3mA, VCC = 2.7V
0.18
0.4
V
IOFFREADY
READY Off State Input Leakage Current
VREADY = 0V, 5.5V, VCC = 5.5V
0
±1
µA
Upstream-Downstream Buffers
VOS,BUF
Buffer Offset Voltage
RBUS = 10k, VCC = 2.7V, 5.5V (Note 4)
25
60
100
mV
VOS,UP-BUF
Upstream Buffer Offset Voltage
VCC = 2.7V, RBUS = 2.7k (Note 4)
40
80
120
mV
VIN, BUFFER = 0V
VCC = 5.5V, RBUS = 2.7k (Note 4)
70
110
150
mV
VOS,DOWN-BUF
Downstream Buffer Offset Voltage
VCC = 2.7V, RBUS = 2.7k (Note 4)
60
110
160
mV
VIN, BUFFER = 0V
VCC = 5.5V, RBUS = 2.7k (Note 4)
80
140
200
mV
VOL
Output Low Voltage, VIN,BUFFER = 0V
SDA, SCL Pins; ISINK = 4mA,
400
mV
VCC = 3V, 5.5V
Output Low Voltage, VIN,BUFFER = 0.2V
SDA, SCL Pins; ISINK = 500µA,
320
mV
VCC = 2.7V, 5.5V
VIL,MAX
Buffer Input Logic Low Voltage
VCC = 2.7V, 5.5V
0.4
0.52
0.64
V
VTHSDA,SCL
Downstream SDA, SCL Logic Threshold Voltage
0.8
1.0
1.2
V
ILEAK
Input Leakage Current
SDA, SCL Pins; VCC = 0V to 5.5V;
0
±5
µA
Buffers Inactive
Rise Time Accelerators
VSDA,SCL slew
Minimum Slew Requirement to Activate
SDAIN, SCLIN, SDA1-4, SCL1-4 Pins
0.4
0.8
V/
µs
Rise Time Accelerator Currents
VRISE,DC
Rise Time Accelerator DC Threshold Voltage
SDAIN, SCLIN, SDA1-4, SCL1-4 Pins
0.7
0.8
1
V
IBOOST
Rise Time Accelerator Pull-Up Current
SDAIN, SCLIN, SDA1-4, SCL1-4 Pins
4
5.5
mA
(Note 3)
GPIOs
VGPIO(TH)
GPIO Pin Input Threshold
0.8
1
1.2
V
VGPIO(OL)
GPIO Pin Output Low Voltage
IGPIO = 5mA, VCC = 2.7V
0.2
0.4
V
VGPIO(OH)
GPIO Pin Output High Voltage
IGPIO = –200µA, VCC = 2.7V
VCC – 0.3
V
IGPIO(IN)
GPIO Pin Input Leakage Current
VGPIO = 0V, 5.5V, VCC = 5.5V
0
±1
µA
Stuck Low Timeout Circuitry
VTIMER(L)
Stuck Low Falling Threshold Voltage
VCC = 2.7V, 5.5V
0.4
0.52
0.64
V
VTIMER(HYST)
Stuck Low Threshold Hysteresis Voltage
80
mV
TTIMER1
Timeout Time #1
TIMSET1,0 = 01
25
30
35
ms
TTIMER2
Timeout Time #2
TIMSET1,0 = 10
12.5
15
17.5
ms
TTIMER3
Timeout Time #3
TIMSET1,0 = 11
6.25
7.5
8.75
ms
ALERT
VALERT(OL)
ALERT Output Low Voltage
IALERT = 3mA, VCC = 2.7V
0.2
0.4
V
IOFF,ALERT
ALERT Off State Input Leakage Current
VALERT = 0V, 5.5V
0
±1
µA
IIN,ALERT1-4
ALERT1-ALERT4 Input Current
VALERT1-4 = 0V, 5.5V
0
±1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com