Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4307 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4307
Description  Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4307 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4307 Datasheet HTML 2Page - Linear Technology LTC4307 Datasheet HTML 3Page - Linear Technology LTC4307 Datasheet HTML 4Page - Linear Technology LTC4307 Datasheet HTML 5Page - Linear Technology LTC4307 Datasheet HTML 6Page - Linear Technology LTC4307 Datasheet HTML 7Page - Linear Technology LTC4307 Datasheet HTML 8Page - Linear Technology LTC4307 Datasheet HTML 9Page - Linear Technology LTC4307 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC4307
6
4307f
PI FU CTIO S
ENABLE (Pin 1): Connection Enable Input. This is a 1.4V
digital threshold input pin. For normal operation pull or tie
ENABLE high. Driving ENABLE below 0.8V isolates SDAIN
from SDAOUT, SCLIN from SCLOUT and asserts READY
low. A rising edge on ENABLE after a fault has occurred
forces a connection between SDAIN, SDAOUT and SCLIN,
SCLOUT. Connect to VCC if unused.
SCLOUT (Pin 2): Serial Clock Output. Connect this pin to
an SCL bus segment where stuck bus recovery is needed.
A pull-up resistor should be connected between this pin
and VCC.
SCLIN (Pin 3): Serial Clock Input. Connect this pin to an
SCL bus segment that needs to be isolated from stuck
bus problems. A pull-up resistor should be connected
between this pin and VCC.
GND (Pin 4): Device Ground. Connect this pin to a ground
plane for best results.
READY (Pin 5): Connection READY Status Output. The
READY pin is an open-drain N-channel MOSFET output that
pulls low when ENABLE is low, or when the start-up and
connection sequence described in the Operation section
has not been completed. READY also goes low when the
LTC4307 disconnects the inputs from the outputs due to
the bus being stuck low for at least 30ms. READY goes high
when ENABLE is high and a connection is made. Connect
a pull-up resistor, typically 10k, from this pin to VCC to
provide the pull-up. This pin can be floated if unused.
SDAIN (Pin 6): Serial Data Input. Connect this pin to an
SDA bus segment that needs to be isolated from stuck
bus problems. A pull-up resistor should be connected
between this pin and VCC.
SDAOUT (Pin 7): Serial Data Output. Connect this pin
to the SDA bus segment where stuck bus recovery is
needed. A pull-up resistor should be connected between
this pin and VCC.
VCC (Pin 8): Supply Voltage Input. Place a bypass capacitor
of at least 0.01μF close to VCC for best results.
Exposed Pad (Pin 9, DFN Package Only): Exposed Pad
may be left open or connected to device ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com