Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4311 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4311
Description  Low Voltage I2C/SMBus Accelerator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4311 Datasheet(HTML) 2 Page - Linear Technology

  LTC4311 Datasheet HTML 1Page - Linear Technology LTC4311 Datasheet HTML 2Page - Linear Technology LTC4311 Datasheet HTML 3Page - Linear Technology LTC4311 Datasheet HTML 4Page - Linear Technology LTC4311 Datasheet HTML 5Page - Linear Technology LTC4311 Datasheet HTML 6Page - Linear Technology LTC4311 Datasheet HTML 7Page - Linear Technology LTC4311 Datasheet HTML 8Page - Linear Technology LTC4311 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC4311
2
4311fa
Storage Temperature Range (DFN) ........– 65°C to 125°C
Storage Temperature Range (SC70).......– 65°C to 125°C
Lead Temperature (Soldering 10, sec)
SC70 ............................................................ 300°C
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VCC to GND .................................................... – 0.3 to 6V
BUS1, BUS2, ENABLE Inputs......................... – 0.3 to 6V
Operating Temperature
LTC4311C ................................................ 0°C to 70°C
LTC4311I..............................................– 40°C to 85°C
(Notes 1, 2)
TOP VIEW
GND
BUS2
BUS1
ENABLE
NC
VCC
DFN PACKAGE
6-LEAD (2mm
2mm) PLASTIC DFN
4
5
7
6
3
2
1
TJMAX = 125°C, θJA = 102°C/W
EXPOSED PAD (PIN 7) PCB CONNECTION TO GND IS OPTIONAL (Note 3)
VCC
GND
ENABLE
1
2
3
6
5
4
BUS1
GND
BUS2
TOP VIEW
SC70 PACKAGE
6-LEAD PLASTIC SC70
TJMAX = 125°C, θJA = 150° C/W
ORDER INFORMATION
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4311CDC#TRMPBF
LTC4311CDC#TRPBF
LCNG
6-Lead (2mm
× 2mm) Plastic DFN
0°C to 70°C
LTC4311IDC#TRMPBF
LTC4311IDC#TRPBF
LCNG
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 85°C
LTC4311CSC6#TRMPBF
LTC4311CSC6#TRPBF
LCNF
6-Lead (2mm
× 2mm) Plastic SC70
0°C to 70°C
LTC4311ISC6#TRMPBF
LTC4311ISC6#TRPBF
LCNF
6-Lead (2mm
× 2mm) Plastic SC70
–40°C to 85°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com