Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4440 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4440
Description  High Speed, High Voltage High Side Gate Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4440 Datasheet(HTML) 1 Page - Linear Technology

  LTC4440 Datasheet HTML 1Page - Linear Technology LTC4440 Datasheet HTML 2Page - Linear Technology LTC4440 Datasheet HTML 3Page - Linear Technology LTC4440 Datasheet HTML 4Page - Linear Technology LTC4440 Datasheet HTML 5Page - Linear Technology LTC4440 Datasheet HTML 6Page - Linear Technology LTC4440 Datasheet HTML 7Page - Linear Technology LTC4440 Datasheet HTML 8Page - Linear Technology LTC4440 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC4440
4440f
High Speed, High Voltage
High Side Gate Driver
■ Wide Operating VIN Range: Up to 80V
■ Rugged Architecture Tolerant of 100V VIN
Transients
■ Powerful 1.5Ω Driver Pull-Down
■ Powerful 2.4A Peak Current Driver Pull-Up
■ 7ns Fall Time Driving 1000pF Load
■ 10ns Rise Time Driving 1000pF Load
■ Drives Standard Threshold MOSFETs
■ TTL/CMOS Compatible Inputs with Hysteresis
■ Input Thresholds are Independent of Supply
■ Undervoltage Lockout
■ Low Profile (1mm) SOT-23 (ThinSOT)
TM and
Thermally Enhanced 8-Pin MSOP Packages
■ Telecommunications Power Systems
■ Distributed Power Architectures
■ Server Power Supplies
■
High Density Power Modules
, LTC and LT are registered trademarks of Linear Technology Corporation.
The LTC
®4440 is a high frequency high side N-channel
MOSFET gate driver that is designed to operate in applica-
tions with VIN voltages up to 80V. The LTC4440 can also
withstand and continue to function during 100V VIN tran-
sients. The powerful driver capability reduces switching
losses in MOSFETs with high gate capacitances. The
LTC4440’s pull-up has a peak output current of 2.4A and
its pull-down has an output impedance of 1.5Ω.
The LTC4440 features supply independent TTL/CMOS
compatible input thresholds with 350mV of hysteresis.
The input logic signal is internally level-shifted to the
bootstrapped supply, which may function at up to 115V
above ground.
The LTC4440 contains both high side and low side under-
voltage lockout circuits that disable the external MOSFET
when activated.
The LTC4440 is available in the low profile (1mm) SOT-23
and thermally enhanced 8-lead MSOP packages.
VCC
INP
GND
BOOST
TG
TS
LTC4440
VIN
36V TO 72V
100V PEAK TRANSIENT
(ABS MAX)
VCC
8V TO 15V
VCC
INP
GND
BOOST
TG
TS
LTC4440
VCC
LTC3722-1
••
4440 TA01
Synchronous Phase-Modulated Full-Bridge Converter
ThinSOT is a trademark of Linear Technology Corporation.
Protected by U.S. Patents, including 6677210.
INPUT
(INP)
2V/DIV
OUTPUT
(TG – TS)
5V/DIV
10ns/DIV
4440 F02
LTC4440 Driving a 1000pF
Capacitive Load
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC4440

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4440 LINER-LTC4440 Datasheet
236Kb / 12P
High Speed, High Voltage High Side Gate Driver
LTC4440 LINER-LTC4440 Datasheet
194Kb / 18P
High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
LTC4440 LINER-LTC4440 Datasheet
199Kb / 16P
N-Channel MOSFET Gate Driver Available in SO-8 and 10-Lead MSOP
logo
Analog Devices
LTC4440 AD-LTC4440 Datasheet
1Mb / 30P
Fast 150V Protected High Side NMOS Static Switch Driver
03/20-REV.E
logo
Linear Technology
LTC4440 LINER-LTC4440 Datasheet
221Kb / 16P
High Speed, High Voltage High Side Gate Driver
More results

Similar Description - LTC4440

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
High Voltage High Side and Low Side Gate Driver
logo
Linear Technology
LTC4440 LINER-LTC4440 Datasheet
236Kb / 12P
High Speed, High Voltage High Side Gate Driver
LTC4440-5 LINER-LTC4440-5 Datasheet
267Kb / 12P
High Speed, High Voltage, High Side Gate Driver
LTC4440 LINER-LTC4440_15 Datasheet
221Kb / 16P
High Speed, High Voltage High Side Gate Driver
LTC4440-5 LINER-LTC4440-5_15 Datasheet
265Kb / 14P
High Speed, High Voltage, High Side Gate Driver
logo
Texas Instruments
LM5100 TI1-LM5100 Datasheet
879Kb / 18P
High Voltage High Side and Low Side Gate Driver
logo
Rohm
BM60210FV-C ROHM-BM60210FV-C Datasheet
1Mb / 27P
High Voltage High & Low-side, Gate Driver
BS2103F ROHM-BS2103F Datasheet
895Kb / 24P
High voltage High & Low-side, Gate Driver
BS2114F ROHM-BS2114F Datasheet
876Kb / 23P
600V High voltage High & Low-side, Gate Driver
logo
Linear Technology
LTC4440A-5 LINER-LTC4440A-5 Datasheet
363Kb / 12P
High Speed, High Voltage, High Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com