Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4446 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4446
Description  High Voltage High Side/Low Side N-Channel MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4446 Datasheet(HTML) 1 Page - Linear Technology

  LTC4446 Datasheet HTML 1Page - Linear Technology LTC4446 Datasheet HTML 2Page - Linear Technology LTC4446 Datasheet HTML 3Page - Linear Technology LTC4446 Datasheet HTML 4Page - Linear Technology LTC4446 Datasheet HTML 5Page - Linear Technology LTC4446 Datasheet HTML 6Page - Linear Technology LTC4446 Datasheet HTML 7Page - Linear Technology LTC4446 Datasheet HTML 8Page - Linear Technology LTC4446 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC4446
1
4446f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
High Voltage High Side/
Low Side N-Channel
MOSFET Driver
The LTC
®4446 is a high frequency high voltage gate driver
that drives two N-channel MOSFETs in a DC/DC converter
with supply voltages up to 100V. The powerful driver ca-
pability reduces switching losses in MOSFETs with high
gate capacitance. The LTC4446’s pull-up for the top gate
driver has a peak output current of 2.5A and its pull-down
has an output impedance of 1.2
Ω. The pull-up for the bot-
tom gate driver has a peak output current of 3A and the
pull-down has an output impedance of 0.55
Ω.
The LTC4446 is configured for two supply-independent
inputs. The high side input logic signal is internally
level-shifted to the bootstrapped supply, which may
function at up to 114V above ground.
The LTC4446 contains undervoltage lockout circuits that
disable the external MOSFETs when activated.
The LTC4446 is available in the thermally enhanced 8-lead
MSOP package.
The LTC4446 does not have adaptive shoot-through pro-
tection. For similar drivers with adaptive shoot-through
protection, please refer to the chart below.
PARAMETER
LTC4446
LTC4444
LTC4444-5
Shoot-Through Protection
No
Yes
Yes
Absolute Max TS
100V
100V
100V
MOSFET Gate Drive
7.2V to 13.5V 7.2V to 13.5V 4.5V to 13.5V
VCC UV+
6.6V
6.6V
4V
VCC UV–
6.15V
6.15V
3.55V
n Bootstrap Supply Voltage Up to 114V
n Wide VCC Voltage: 7.2V to 13.5V
n 2.5A Peak Top Gate Pull-Up Current
n 3A Peak Bottom Gate Pull-Up Current
n 1.2
Ω Top Gate Driver Pull-Down
n 0.55
Ω Bottom Gate Driver Pull-Down
n 5ns Top Gate Fall Time Driving 1nF Load
n 8ns Top Gate Rise Time Driving 1nF Load
n 3ns Bottom Gate Fall Time Driving 1nF Load
n 6ns Bottom Gate Rise Time Driving 1nF Load
n Drives Both High and Low Side N-Channel MOSFETs
n Undervoltage Lockout
n Thermally Enhanced 8-Pin MSOP Package
n Distributed Power Architectures
n Automotive Power Supplies
n High Density Power Modules
n Telecommunication Systems
Two Switch Forward Converter
LTC4446 Driving a 1000pF Capacitive Load
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 6677210.
TG
BOOST
VIN
36V TO 72V
(100V ABS MAX)
GND
TS
VCC
TO
SECONDARY
CIRCUIT
•
TINP
LTC4446
BG
PWM2
(FROM CONTROLLER IC)
PWM1
(FROM CONTROLLER IC)
VCC
7.2V TO 13.5V
BINP
4446 TA01a
•
BINP
5V/DIV
BG
10V/DIV
TINP
5V/DIV
TG-TS
10V/DIV
20ns/DIV
4446 TA01b


Similar Part No. - LTC4446

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4446 LINER-LTC4446 Datasheet
194Kb / 18P
High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
LTC4446 LINER-LTC4446 Datasheet
199Kb / 16P
N-Channel MOSFET Gate Driver Available in SO-8 and 10-Lead MSOP
logo
Analog Devices
LTC4446 AD-LTC4446 Datasheet
2Mb / 18P
100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
04/20-REV.A
LTC4446 AD-LTC4446 Datasheet
686Kb / 19P
100V Half-Bridge GaN Driver with Smart Integrated Bootstrap Switch
Rev 0
logo
Linear Technology
LTC4446 LINER-LTC4446_15 Datasheet
175Kb / 12P
High Voltage High Side/ Low Side N-Channel MOSFET Driver
More results

Similar Description - LTC4446

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1614 MAXIM-MAX1614 Datasheet
87Kb / 8P
High-Side, N-Channel MOSFET Switch Driver
19-1176; Rev 0; 12/96
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
High Voltage High Side and Low Side Gate Driver
logo
Tripath Technology Inc.
TP2150B TRIPATH-TP2150B Datasheet
377Kb / 18P
DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
logo
ON Semiconductor
NCP5106A ONSEMI-NCP5106A Datasheet
160Kb / 18P
High Voltage, High and Low Side Driver
March, 2010 ??Rev. 5
logo
STMicroelectronics
L6390 STMICROELECTRONICS-L6390_12 Datasheet
725Kb / 26P
High-voltage high/low-side driver
25-Jul-2012
L6385E STMICROELECTRONICS-L6385E Datasheet
199Kb / 16P
High-voltage high and low side driver
11-Oct-2007
L6385ED STMICROELECTRONICS-L6385ED Datasheet
199Kb / 16P
High-voltage high and low side driver
11-Oct-2007
logo
Linear Technology
LTC4446 LINER-LTC4446_15 Datasheet
175Kb / 12P
High Voltage High Side/ Low Side N-Channel MOSFET Driver
logo
Texas Instruments
LM5100 TI1-LM5100 Datasheet
879Kb / 18P
High Voltage High Side and Low Side Gate Driver
logo
STMicroelectronics
L6399 STMICROELECTRONICS-L6399 Datasheet
345Kb / 18P
High voltage high and low-side driver
27-Mar-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com