Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4447 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4447
Description  High Speed Synchronous N-Channel MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4447 Datasheet(HTML) 5 Page - Linear Technology

  LTC4447 Datasheet HTML 1Page - Linear Technology LTC4447 Datasheet HTML 2Page - Linear Technology LTC4447 Datasheet HTML 3Page - Linear Technology LTC4447 Datasheet HTML 4Page - Linear Technology LTC4447 Datasheet HTML 5Page - Linear Technology LTC4447 Datasheet HTML 6Page - Linear Technology LTC4447 Datasheet HTML 7Page - Linear Technology LTC4447 Datasheet HTML 8Page - Linear Technology LTC4447 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC4447
5
4447f
TYPICAL PERFORMANCE CHARACTERISTICS
Schottky Diode Forward Voltage
vs Diode Current
Supply Current vs Input
Frequency
Propagation Delay vs VLOGIC
Supply Voltage
Propagation Delay vs
VCC Supply Voltage
Schottky Diode Forward Voltage
vs Temperature
Rise and Fall Time vs VCC Supply
Voltage
Switching Supply Current vs Load
Capacitance
Rise and Fall Time vs Load
Capacitance
Propagation Delay vs
Temperature
DIODE CURRENT (mA)
0
0
0.1
0.2
0.3
0.4
0.5
0.6
50
100
150
200
4447 G10
TEMPERATURE (°C)
0.4
0.6
0.5
4447 G11
0.3
0.2
0.1
0
–10
–40
110
20
50
80
ID = 100mA
ID = 10mA
ID = 1mA
FREQUENCY (Hz)
0
5
6
800k
4447 G12
4
3
200k
400k
600k
1M
2
1
0
NO LOAD
VLOGIC = VCC = 5V
TS = GND
IVCC
IVLOGIC
LOAD CAPACITANCE (nF)
0.1
1
10
100
4447 G13
310
30
VLOGIC = VCC = 5V
TS = GND
ICC
fIN = 500kHz
ICC
fIN = 100kHz
ILOGIC
fIN = 500kHz
1
VCC SUPPLY VOLTAGE (V)
3.5
15
10
5
0
5.0
6.0
4447 G14
4.0
4.5
5.5
6.5
CLOAD = 3.3nF
TS = GND
tr(TG)
tr(BG)
tf(TG)
tf(BG)
LOAD CAPACITANCE (nF)
3
1
10
100
10
30
4447 G15
VCC = 5V
TS = GND
tr(BG)
tr(TG)
tf(TG)
1
tf(BG)
VLOGIC SUPPLY VOLTAGE (V)
3.5
3.0
25
15
20
10
5
5.0
6.0
4447 G16
4.0
4.5
5.5
6.5
NO LOAD
VCC = 5V
TS = GND
tpHL(TG)
tpLH(BG)
tpLH(TG)
tpHL(BG)
VCC SUPPLY VOLTAGE (V)
20
15
10
5
5.0
6.0
4447 G17
4.0
4.5
5.5
6.5
NO LOAD
VLOGIC = 5V
TS = GND
tpHL(TG)
tpLH(BG)
tpLH(TG)
tpHL(BG)
TEMPERATURE (°C)
4447 G18
15
0
–40
–10
20
50
80
110
25
20
10
5
NO LOAD
VCC = VLOGIC = 5V
TS = GND
tpHL(TG)
tpLH(BG)
tpLH(TG)
tpHL(BG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com