Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSDF1205 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSDF1205
Description  Silicon NPN Planar RF Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSDF1205 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSDF1205 Datasheet HTML 1Page - Vishay Siliconix TSDF1205 Datasheet HTML 2Page - Vishay Siliconix TSDF1205 Datasheet HTML 3Page - Vishay Siliconix TSDF1205 Datasheet HTML 4Page - Vishay Siliconix TSDF1205 Datasheet HTML 5Page - Vishay Siliconix TSDF1205 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSDF1205/TSDF1205R/TSDF1205W/TSDF1205RW
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 5, 30-Jun-00
1 (6)
Document Number 85065
Silicon NPN Planar RF Transistor
Electrostatic sensitive device.
Observe precautions for handling.
Applications
For low noise and small signal low power amplifiers.
This
transistor
has
superior
noise
figure
and
associated gain performance at UHF, VHF and micro-
wave frequencies.
Features
D Low power applications
D Very low noise figure
D High transition frequency fT = 12 GHz
13 579
21
4
3
94 9279
TSDF1205 Marking: F05
Plastic case (SOT 143)
1 = Collector, 2 = Emitter, 3 = Base, 4 = Emitter
95 10831
2
1
43
94 9278
TSDF1205R Marking: 05F
Plastic case (SOT 143R)
1 = Collector, 2 = Emitter, 3 = Base, 4 = Emitter
2
1
3
13 653
4
13 566
TSDF1205W Marking: WF0
Plastic case (SOT 343)
1 = Collector, 2 = Emitter, 3 = Base, 4 = Emitter
2
1
3
4
13 566
13 654
TSDF1205RW Marking: W0F
Plastic case (SOT 343R)
1 = Collector, 2 = Emitter, 3 = Base, 4 = Emitter
Absolute Maximum Ratings
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Value
Unit
Collector-base voltage
VCBO
9
V
Collector-emitter voltage
VCEO
4
V
Emitter-base voltage
VEBO
2
V
Collector current
IC
12
mA
Total power dissipation
Tamb ≤ 132 °C
Ptot
40
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
–65 to +150
°C


Similar Part No. - TSDF1205

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSDF1205 VISHAY-TSDF1205 Datasheet
221Kb / 7P
12 GHz Silicon NPN Planar RF Transistor
02-May-05
TSDF1205 VISHAY-TSDF1205 Datasheet
342Kb / 7P
12 GHz Silicon NPN Planar RF Transistor
08-Sep-08
TSDF1205R VISHAY-TSDF1205R Datasheet
221Kb / 7P
12 GHz Silicon NPN Planar RF Transistor
02-May-05
TSDF1205R VISHAY-TSDF1205R Datasheet
342Kb / 7P
12 GHz Silicon NPN Planar RF Transistor
08-Sep-08
TSDF1205RW VISHAY-TSDF1205RW Datasheet
221Kb / 7P
12 GHz Silicon NPN Planar RF Transistor
02-May-05
More results

Similar Description - TSDF1205

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFG67 VISHAY-BFG67 Datasheet
38Kb / 4P
Silicon NPN Planar RF Transistor
11-Nov-99
BFP92A VISHAY-BFP92A Datasheet
173Kb / 10P
Silicon NPN Planar RF Transistor
20-Jan-99
BFR96TS VISHAY-BFR96TS Datasheet
129Kb / 9P
Silicon NPN Planar RF Transistor
20-Jan-99
TSDF1220 VISHAY-TSDF1220 Datasheet
81Kb / 6P
Silicon NPN Planar RF Transistor
30-Jun-00
BFP93A VISHAY-BFP93A Datasheet
212Kb / 9P
Silicon NPN Planar RF Transistor
03-Sep-04
S852TF VISHAY-S852TF Datasheet
147Kb / 4P
Silicon NPN Planar RF Transistor
02-May-05
BFP81 VISHAY-BFP81_08 Datasheet
167Kb / 11P
Silicon NPN Planar RF Transistor
05-Sep-08
BFR91A VISHAY-BFR91A_08 Datasheet
168Kb / 8P
Silicon NPN Planar RF Transistor
08-Sep-08
BFW92A VISHAY-BFW92A_08 Datasheet
153Kb / 7P
Silicon NPN Planar RF Transistor
08-Sep-08
BFQ67F VISHAY-BFQ67F Datasheet
87Kb / 5P
Silicon NPN Planar RF Transistor
05-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com