Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6241CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6241CS8
Description  Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6241CS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6241CS8 Datasheet HTML 3Page - Linear Technology LTC6241CS8 Datasheet HTML 4Page - Linear Technology LTC6241CS8 Datasheet HTML 5Page - Linear Technology LTC6241CS8 Datasheet HTML 6Page - Linear Technology LTC6241CS8 Datasheet HTML 7Page - Linear Technology LTC6241CS8 Datasheet HTML 8Page - Linear Technology LTC6241CS8 Datasheet HTML 9Page - Linear Technology LTC6241CS8 Datasheet HTML 10Page - Linear Technology LTC6241CS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC6240/LTC6241/LTC6242
7
624012fc
(LTC6240HVC/I, LTC6241HVC/I, LTC6242HVC/I) The ● denotes the
specifications which apply over the specified temperature range, otherwise specifications are at TA = 25°C. VS = ±5V, 0V, VCM = 0V
unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (Note 4)
LTC6241 S8
0°C to 70°C
–40°C to 85°C
●
●
50
175
275
325
µV
µV
µV
LTC6242 GN
0°C to 70°C
–40°C to 85°C
●
●
60
200
275
325
µV
µV
µV
LTC6240
0°C to 70°C
–40°C to 85°C
●
●
60
250
350
400
µV
µV
µV
LTC6241 DD, LTC6242 DHC
0°C to 70°C
–40°C to 85°C
●
●
100
550
650
725
µV
µV
µV
VOS Match Channel-to-Channel (Note 5) LTC6241 S8
0°C to 70°C
–40°C to 85°C
●
●
50
200
325
400
µV
µV
µV
LTC6242 GN
0°C to 70°C
–40°C to 85°C
●
●
60
225
325
400
µV
µV
µV
LTC6241 DD, LTC6242 DHC
0°C to 70°C
–40°C to 85°C
●
●
150
650
700
750
µV
µV
µV
TC VOS
Input Offset Voltage Drift (Note 6)
●
0.7
2.5
µV/°C
IB
Input Bias Current (Notes 4, 7)
LTC6241, LTC6242
●
0.5
75
pA
pA
LTC6240
●
0.5
1
75
pA
pA
IOS
Input Offset Current (Notes 4, 7)
LTC6241, LTC6242
●
0.2
75
pA
pA
LTC6240
●
0.2
1
75
pA
pA
Input Noise Voltage
0.1Hz to 10Hz
550
nVP-P
en
Input Noise Voltage Density
f = 1kHz
7
10
nV/√Hz
in
Input Noise Current Density (Note 8)
0.56
fA/√Hz
RIN
Input Resistance
Common Mode
1012
Ω
CIN
Input Capacitance
Differential Mode
Common Mode
f = 100kHz
3.5
3
pF
pF
VCM
Input Voltage Range
Guaranteed by CMRR
●
–5
3.5
V
CMRR
Common Mode Rejection
–5V ≤ VCM ≤ 3.5V
●
83
105
dB
CMRR Match
Channel-to-Channel (Note 5)
●
76
95
dB
AVOL
Large Signal Voltage Gain
VO = –3.5V to 3.5V
RL = 10k
0°C to 70°C
–40°C to 85°C
●
●
775
600
500
2700
V/mV
V/mV
V/mV
RL = 1k
0°C to 70°C
–40°C to 85°C
●
●
150
90
75
360
V/mV
V/mV
V/mV
VOL
Output Voltage Swing Low (Note 9)
No Load
ISINK = 1mA
ISINK = 10mA
●
●
●
15
45
360
30
75
550
mV
mV
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com