Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1852 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1852
Description  8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1852 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1852 Datasheet HTML 5Page - Linear Technology LTC1852 Datasheet HTML 6Page - Linear Technology LTC1852 Datasheet HTML 7Page - Linear Technology LTC1852 Datasheet HTML 8Page - Linear Technology LTC1852 Datasheet HTML 9Page - Linear Technology LTC1852 Datasheet HTML 10Page - Linear Technology LTC1852 Datasheet HTML 11Page - Linear Technology LTC1852 Datasheet HTML 12Page - Linear Technology LTC1852 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC1852/LTC1853
9
18523fa
PIN FUNCTIONS
PIN
NAME
DESCRIPTION
MIN
NOMINAL (V)
TYP
MAX
ABSOLUTE
MIN
MAXIMUM (M)
MAX
1 to 8
CH0 to CH7
Analog Inputs
0
VDD
–0.3
VDD + 0.3
9
COM
Analog Input Common Pin
0
VDD
–0.3
VDD + 0.3
10
REFOUT
2.5V Reference Output
2.5
–0.3
VDD + 0.3
11
REFIN
Reference Buffer Input
0
2.5
VDD
–0.3
VDD + 0.3
12
REFCOMP
Reference Buffer Output
4.096
–0.3
VDD + 0.3
13
GND
Ground
0
–0.3
VDD + 0.3
14
VDD
Positive Supply
2.7
5
5.5
–0.3
6
15
VDD
Positive Supply
2.7
5
5.5
–0.3
6
16
GND
Ground
0
–0.3
VDD + 0.3
17
DIFFOUT/S6
Single-Ended/Differential Output
OGND
0VDD
–0.3
VDD + 0.3
18
A2OUT/S5
MUX Address Output
OGND
0VDD
–0.3
VDD + 0.3
19
A1OUT/S4
MUX Address Output
OGND
0VDD
–0.3
VDD + 0.3
20
A0OUT/S3
MUX Address Output
OGND
0VDD
–0.3
VDD + 0.3
21
D9/S2 (LTC1852)
Data Output
OGND
0VDD
–0.3
VDD + 0.3
21
D11/S2 (LTC1853)
Data Output
OGND
0VDD
–0.3
VDD + 0.3
22
D8/S1 (LTC1852)
Data Output
OGND
0VDD
–0.3
VDD + 0.3
22
D10/S1 (LTC1853)
Data Output
OGND
0VDD
–0.3
VDD + 0.3
23
D7/S0 (LTC1852)
Data Output
OGND
0VDD
–0.3
VDD + 0.3
23
D9/S0 (LTC1853)
Data Output
OGND
0VDD
–0.3
VDD + 0.3
24 to 30
D6 to D0 (LTC1852)
Data Outputs
OGND
0VDD
–0.3
VDD + 0.3
24 to 32
D8 to D0 (LTC1853)
Data Outputs
OGND
0VDD
–0.3
VDD + 0.3
31 to 32
NC (LTC1852)
No Connect
33
BUSY
Converter Busy Output
OGND
0VDD
–0.3
VDD + 0.3
34
OGND
Output Ground
0
–0.3
VDD + 0.3
35
OVDD
Output Supply
2.7
5
5.5
–0.3
6
36
M0
Mode Select Pin 0
0
VDD
–0.3
6
37
PGA
Gain Select Input
0
VDD
–0.3
6
38
UNI/BIP
Unipolar/Bipolar Input
0
VDD
–0.3
6
39 to 41
A0 to A2
MUX Address Inputs
0
VDD
–0.3
6
42
DIFF
Single-Ended/Differential Input
0
VDD
–0.3
6
43
WR
Write Input, Active Low
0
VDD
–0.3
6
44
RD
Read Input, Active Low
0
VDD
–0.3
6
45
CONVST
Conversion Start Input, Active Low
0
VDD
–0.3
6
46
CS
Chip Select Input, Active Low
0
VDD
–0.3
6
47
SHDN
Shutdown Input, Active Low
0
VDD
–0.3
6
48
M1
Mode Select Pin 1
0
VDD
–0.3
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com