Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1853CFW Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1853CFW
Description  8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1853CFW Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1853CFW Datasheet HTML 8Page - Linear Technology LTC1853CFW Datasheet HTML 9Page - Linear Technology LTC1853CFW Datasheet HTML 10Page - Linear Technology LTC1853CFW Datasheet HTML 11Page - Linear Technology LTC1853CFW Datasheet HTML 12Page - Linear Technology LTC1853CFW Datasheet HTML 13Page - Linear Technology LTC1853CFW Datasheet HTML 14Page - Linear Technology LTC1853CFW Datasheet HTML 15Page - Linear Technology LTC1853CFW Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTC1852/LTC1853
12
18523fa
The LTC1852/LTC1853 have a unique differential sample-
and-hold circuit that allows rail-to-rail inputs. The ADC will
always convert the difference of the “+” and “–” inputs
independent of the common mode voltage. The common
mode rejection holds up to high frequencies. The only
requirement is that both inputs can not exceed the AVDD
power supply voltage or ground. When a bipolar input
span is selected the “+” input can swing ± full scale rela-
tive to the “–” input but neither input can exceed AVDD or
go below ground.
Integral nonlinearity errors (INL) and differential nonlin-
earity errors (DNL) are independent of the common mode
voltage, however, the bipolar offset will vary. The change
in bipolar offset is typically less than 0.1% of the common
mode voltage.
Some AC applications may have their performance limited
by distortion. Most circuits exhibit higher distortion when
signals approach the supply or ground. THD will degrade
as the inputs approach either power supply rail. Distor-
tion can be reduced by reducing the signal amplitude
and keeping the common mode voltage at approximately
midsupply.
Driving the Analog Inputs
The inputs of the LTC1852/LTC1853 are easy to drive. Each
of the analog inputs can be used as a single-ended input
relative to the input common pin (CH0-COM, CH1-COM,
etc.) or in pairs (CH0 and CH1, CH2 and CH3, CH4 and
CH5, CH6 and CH7) for differential inputs. Regardless
of the MUX configuration, the “+” and “–” inputs are
sampled at the same instant. Any unwanted signal that is
common mode to both inputs will be reduced by the com-
mon mode rejection of the sample-and-hold circuit. The
inputs draw only one small current spike while charging
the sample-and-hold capacitors at the end of conversion.
During conversion, the analog inputs draw only a small
leakage current. If the source impedance of the driving
circuit is low, then the LTC1852/LTC1853 inputs can be
driven directly. As source impedance increases, so will
acquisition time. For minimum acquisition time with high
source impedance, a buffer amplifier should be used. The
only requirement is that the amplifier driving the analog
input(s) must settle after the small current spike before
the next conversion starts (settling time must be less than
150ns for full throughput rate).
Choosing an Input Amplifier
Choosing an input amplifier is easy if a few requirements
are taken into consideration. First, to limit the magnitude
of the voltage spike seen by the amplifier from charging
the sampling capacitor, choose an amplifier that has a low
output impedance (<100Ω) at the closed-loop bandwidth
frequency. For example, if an amplifier is used in a gain
of +1 and has a unity-gain bandwidth of 50MHz, then the
output impedance at 50MHz should be less than 100Ω.
The second requirement is that the closed-loop bandwidth
must be greater than 10MHz to ensure adequate small-
signal settling for full throughput rate. The following list
is a summary of the op amps that are suitable for driving
the LTC1852/LTC1853, more detailed information is avail-
able in the Linear Technology Databooks, the LinearView™
CD-ROM and on our web site at www.linear-tech.com.
LT®1360:
50MHz Voltage Feedback Amplifier. ± 2.5V to
±15V supplies. 5mA supply current. Low distortion.
LT1363: 70MHz Voltage Feedback Amplifier. ± 2.5V to ±15V
supplies. 7.5mA supply current. Low distortion.
LT1364/LT1365: Dual and Quad 70MHz Voltage Feedback
Amplifiers. ±2.5V to ±15V supplies. 7.5mA supply current
per amplifier. Low distortion.
LT1468/LT1469: Single and Dual 90MHz Voltage Feedback
Amplifier. ± 5V to ±15V supplies. 7mA supply current per
amplifier. Lowest noise and low distortion.
LT1630/LT1631: Dual and Quad 30MHz Rail-to-Rail Volt-
age Feedback Amplifiers. Single 3V to ±15V supplies.
3.5mA supply current per amplifier. Low noise and low
distortion.
LT1632/LT1633: Dual and Quad 45MHz Rail-to-Rail Voltage
Feedback Amplifiers. Single 3V to ±15V supplies. 4.3mA
supply current per amplifier. Low distortion.
LT1806/LT1807: Single and Dual 325MHz Rail-to-Rail
Voltage Feedback Amplifier. Single 3V to ± 5V supplies.
13mA supply current. Lowest distortion.
LinearView is a trademark of Linear Technology Corporation.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com