Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1750 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1750
Description  14-Bit, 80Msps Wide Bandwidth ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1750 Datasheet(HTML) 3 Page - Linear Technology

  LTC1750 Datasheet HTML 1Page - Linear Technology LTC1750 Datasheet HTML 2Page - Linear Technology LTC1750 Datasheet HTML 3Page - Linear Technology LTC1750 Datasheet HTML 4Page - Linear Technology LTC1750 Datasheet HTML 5Page - Linear Technology LTC1750 Datasheet HTML 6Page - Linear Technology LTC1750 Datasheet HTML 7Page - Linear Technology LTC1750 Datasheet HTML 8Page - Linear Technology LTC1750 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC1750
1750f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCM Output Voltage
IOUT = 0
1.95
2
2.05
V
VCM Output Tempco
IOUT = 0
±30
ppm/
°C
VCM Line Regulation
4.75V
≤ VDD ≤ 5.25V
3
mV/V
VCM Output Resistance
1mA
≤ IOUT ≤ 1mA
4
Ω
(Note 5)
I TER AL REFERE CE CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio
5MHz Input Signal (PGA = 0)
75.5
dB
5MHz Input Signal (PGA = 1)
73.0
dB
30MHz Input Signal (PGA = 0)
73
75.3
dB
30MHz Input Signal (PGA = 1)
72.9
dB
70MHz Input Signal (PGA = 0)
74.6
dB
70MHz Input Signal (PGA = 1)
70
72.8
dB
140MHz Input Signal (PGA = 1)
72
dB
250MHz Input Signal (PGA = 1)
70.6
dB
350MHz Input Signal (PGA = 1)
69
dB
SFDR
Spurious Free Dynamic Range
5MHz Input Signal (PGA = 0)
90
dB
5MHz Input Signal (PGA = 1)
90
dB
30MHz Input Signal (PGA = 0) (HD2 and HD3)
80
90
dB
30MHz Input Signal (PGA = 0) Other
85
95
dB
30MHz Input Signal (PGA = 1)
90
dB
70MHz Input Signal (PGA = 0)
85
dB
70MHz Input Signal (PGA = 1) (HD2 and HD3)
80
90
dB
70MHz Input Signal (PGA = 1) Other
83
95
dB
140MHz Input Signal (PGA = 1)
84
dB
250MHz Input Signal (PGA = 1)
82
dB
350MHz Input Signal (PGA = 1)
74
dB
S/(N + D)
Signal-to-(Noise + Distortion) Ratio
5MHz Input Signal (PGA = 0)
75.2
dB
5MHz Input Signal (PGA = 1)
72.8
dB
30MHz Input Signal (PGA = 0)
75.1
dB
30MHz Input Signal (PGA = 1)
72.6
dB
70MHz Input Signal (PGA = 0)
74.3
dB
70MHz Input Signal (PGA = 1)
72.4
dB
250MHz Input Signal (PGA = 1)
70
dB
THD
Total Harmonic Distortion
5MHz Input Signal, First 5 Harmonics (PGA = 0)
–90
dB
5MHz Input Signal, First 5 Harmonics (PGA = 1)
–90
dB
30MHz Input Signal, First 5 Harmonics (PGA = 0)
–90
dB
30MHz Input Signal, First 5 Harmonics (PGA = 1)
–90
dB
70MHz Input Signal, First 5 Harmonics (PGA = 0)
–85
dB
70MHz Input Signal, First 5 Harmonics (PGA = 1)
–90
dB
250MHz Input Signal (PGA = 1)
78
dB
IMD
Intermodulation Distortion
fIN1 = 2.52MHz, fIN2 = 5.2MHz (PGA = 0)
– 90
dBc
fIN1 = 2.52MHz, fIN2 = 5.2MHz (PGA = 1)
– 90
dBc
Sample-and-Hold Bandwidth
RSOURCE = 50Ω
500
MHz
TA = 25°C, AIN = –1dBFS (Note 5), VSENSE = VDD
DY A IC ACCURACY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com