Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6943IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LTC6943IGN
Description  Micropower, Dual Precision Instrumentation Switched Capacitor Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6943IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC6943IGN Datasheet HTML 7Page - Linear Technology LTC6943IGN Datasheet HTML 8Page - Linear Technology LTC6943IGN Datasheet HTML 9Page - Linear Technology LTC6943IGN Datasheet HTML 10Page - Linear Technology LTC6943IGN Datasheet HTML 11Page - Linear Technology LTC6943IGN Datasheet HTML 12Page - Linear Technology LTC6943IGN Datasheet HTML 13Page - Linear Technology LTC6943IGN Datasheet HTML 14Page - Linear Technology LTC6943IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC6943
11
6943f
50MHz Thermal RMS/DC Converter
6943 • TA14
887Ω*
1mA
Rp = ROSEMOUNT 118MFRTD
1% FILM RESISTOR
TRIM SEQUENCE:
SET SENSOR TO 0°C VALUE. ADJUST ZERO FOR 0V OUT
SET SENSOR TO 100°C VALUE. ADJUST GAIN FOR 1000V OUT
SET SENSOR TO 400°C VALUE. ADJUST LINEARITY FOR 4000V OUT
REPEAT AS REQUIRED
1µF
8.06k*
1k*
5k
0V TO 4V = 0°C TO 400°C
±0.05°C
1µF
2k
Rp
100Ω
AT 0°C
10
9
6
1µF
0.1µF
1/2 LTC6943
7
12
11
4
1µF
1/2 LTC6943
5
16
14
5V
5V
250k*
(LINEARITY CORRECTION LOOP)
2.4k
2.74k*
8.25k*
50k
ZERO
ADJUST
LT1009
2.5V
10k*
3
2
4
1
8
5
6
7
1k
GAIN
ADJUST
+
1/2 LT1013
+
1/2 LT1013
3
13
15
0.01µF
2
1
*
LINEARITY
ADJUST
TYPICAL APPLICATIO S
6943 • TA13
30k**
30k**
100k*
301Ω*
10k
DC OUTPUT
0V TO 3.5V
10k
10k
RED
RED
BRN
T1
T2
GRN
300mV–
10VRMS
INPUT
0.01µF
GRN
BRN
CALIBRATION ADJUST
20k
5V
5V
5V
10k
10k
3
2
4
1
8
5
6
7
2% ACCURACY DC-50MHZ
100:1 CREST FACTOR CAPABILITY
T1 – T2 = YELLOW SPRINGS INST. CO.
THERMISTOR COMPOSITE
ENCLOSE T1 AND T2 IN STYROFOAM
*1% RESISTOR
**0.1% RESISTOR
2
1
3
5
1µF
1µF
1µF
0.01µF
1µF
1/2 LTC6943
4
13
5V
16
15
14
+
+
LT1013
LT1013
Single Supply Precision Linearized Platinum RTD Signal Conditioner



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com