Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6912IGN-1 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC6912IGN-1
Description  Dual Programmable Gain Amplifiers with Serial Digital Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6912IGN-1 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC6912IGN-1 Datasheet HTML 11Page - Linear Technology LTC6912IGN-1 Datasheet HTML 12Page - Linear Technology LTC6912IGN-1 Datasheet HTML 13Page - Linear Technology LTC6912IGN-1 Datasheet HTML 14Page - Linear Technology LTC6912IGN-1 Datasheet HTML 15Page - Linear Technology LTC6912IGN-1 Datasheet HTML 16Page - Linear Technology LTC6912IGN-1 Datasheet HTML 17Page - Linear Technology LTC6912IGN-1 Datasheet HTML 18Page - Linear Technology LTC6912IGN-1 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTC6912
15
6912fa
FREQUENCY (kHz)
1
100
10000
90
80
70
60
50
40
30
20
10
0
6912 G18
10
1000
FREQUENCY (kHz)
1
1
10
100
10
100
6912 G19
FREQUENCY (kHz)
0
150
6912 G20
50
100
200
–50
–55
–60
–65
–70
–75
–80
–85
–90
FREQUENCY (kHz)
0
–30
–40
–50
–60
–70
–80
–90
–30
–40
–50
–60
–70
–80
–90
–100
50
100
150
200
6912 G21
INPUT VOLTAGE (VP-P)
0.001
0.1
1
10
6912 G22
0.01
TEMPERATURE (°C)
–50
800
700
600
500
400
300
200
100
25
75
6912 G23
–25
0
50
100
125
TEMPERATURE (°C)
–50
25
75
–25
0
50
100
125
TEMPERATURE (°C)
–50
6.0
5.5
5.0
4.5
4.0
3.5
3.0
25
75
6912 G24
–25
0
50
100
125
6912 G25
TEMPERATURE (°C)
–50
25
75
–25
0
50
100
125
6912 G22A
0.100
0.075
0.050
0.025
0
–0.025
–0.050
–0.075
–0.100
–0.125
–0.150
–0.175
–0.200
+SUPPLY
–SUPPLY
VS = 5V
GAIN = 1
VS = 5V
RL = 10k
GAIN = 1
GAIN = 8
GAIN = 64
GAIN = 1
GAIN = 8
GAIN = 64
GAIN = 1
GAIN = 8
GAIN = 64
GAIN = 1
GAIN = 8
GAIN = 64
GAIN = 1
GAIN = 8
GAIN = 64
VS = ±2.5V
TA = 25°C
INPUT REFERRED
VS = 5V
RL = 10k
fIN = 1kHz
VS = ±2.5V
VOUT = 1VRMS (2.83VP-P)
VS = ±2.5V
VOUT = 1VRMS (2.83VP-P)
VS = 5V
VS = 5V
VS = 2.7V
BOTH AMPLIFIERS
PROGRAMMED TO STATE = 8
RL = 10k
VS = ±5V
VS = 5V
VS = 2.7V
BOTH AMPLIFIERS
ACTIVE : GAIN = 1
RL = 10k
10
1
0.1
HARDWARE SHUTDOWN (GN-16 ONLY)
VS = ±5V
VS = 5V
VS = 3V
VS = 2.7V
LTC6912-2 Power Supply
Rejection vs Frequency
LTC6912-2 Noise Density vs
Frequency
LTC6912-2 Distortion vs
Frequency with Light Loading
(RL = 10k)
LTC6912-2 Distortion vs
Frequency with Heavy Loading
(RL = 500Ω)
LTC6912-2 THD + Noise vs
Input Voltage
LTC6912-2 Software Shutdown
Total Supply Current vs
Temperature
LTC6912-2 Total Supply Current
vs Temperature (Both Amplifiers
Active)
LTC6912-2 Gain Shift vs
Temperature (Light Load)
TYPICAL PERFOR A CE CHARACTERISTICS
LTC6912-2 Hardware Shutdown
Total Supply Current vs
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com