Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4601 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM4601
Description  12A DC/DC 關Modules with PLL, Output Tracking and Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM4601 Datasheet HTML 2Page - Linear Technology LTM4601 Datasheet HTML 3Page - Linear Technology LTM4601 Datasheet HTML 4Page - Linear Technology LTM4601 Datasheet HTML 5Page - Linear Technology LTM4601 Datasheet HTML 6Page - Linear Technology LTM4601 Datasheet HTML 7Page - Linear Technology LTM4601 Datasheet HTML 8Page - Linear Technology LTM4601 Datasheet HTML 9Page - Linear Technology LTM4601 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTM4601/LTM4601-1
6
4601f
TYPICAL PERFOR A CE CHARACTERISTICS (See Figure 18 for all curves)
Start-Up, IOUT = 12A
(Resistive Load)
VOUT
0.5V/DIV
2ms/DIV
4601 G10
IIN
1A/DIV
VIN = 12V
VOUT = 1.5V
COUT = 470µF
3
× 22µF
SOFT-START = 10nF
INPUT VOLTAGE (V)
0
3.0
4.0
5.5
5.0
16
4601 G11
2.0
1.0
2.5
3.5
4.5
1.5
0.5
0
4
2
8
6
12 14
18
10
20
3.3V OUTPUT WITH
130k FROM VOUT
TO ION
5V OUTPUT WITH
100k RESISTOR
ADDED FROM fSET
TO GND
5V OUTPUT WITH
NO RESISTOR ADDED
FROM fSET TO GND
2.5V OUTPUT
1.8V OUTPUT
1.5V OUTPUT
1.2V OUTPUT
Start-Up, IOUT = 0A
VOUT
0.5V/DIV
5ms/DIV
4601 G09
IIN
0.5A/DIV
VIN = 12V
VOUT = 1.5V
COUT = 470µF
3
× 22µF
SOFT-START = 10nF
VIN to VOUT Step-Down Ratio
Short-Circuit Protection, IOUT = 0A
VOUT
0.5V/DIV
50
µs/DIV
4601 G13
IIN
1A/DIV
VIN = 12V
VOUT = 1.5V
COUT = 470µF
3
× 22µF
SOFT-START = 10nF
Short-Circuit Protection, IOUT = 12A
VOUT
0.5V/DIV
50
µs/DIV
4601 G14
IIN
1A/DIV
VIN = 12V
VOUT = 1.5V
COUT = 470µF
3
× 22µF
SOFT-START = 10nF
Track, IOUT = 12A
VFB
0.5V/DIV
TRACK/SS
0.5V/DIV
2ms/DIV
4601 G12
VOUT
1V/DIV
VIN = 12V
VOUT = 1.5V
COUT = 470mF
3
´ 22mF
SOFT-START = 10nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com