Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4603 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4603
Description  6A DC/DC 關Module with PLL, Output Tracking and Margining
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4603 Datasheet(HTML) 1 Page - Linear Technology

  LTM4603 Datasheet HTML 1Page - Linear Technology LTM4603 Datasheet HTML 2Page - Linear Technology LTM4603 Datasheet HTML 3Page - Linear Technology LTM4603 Datasheet HTML 4Page - Linear Technology LTM4603 Datasheet HTML 5Page - Linear Technology LTM4603 Datasheet HTML 6Page - Linear Technology LTM4603 Datasheet HTML 7Page - Linear Technology LTM4603 Datasheet HTML 8Page - Linear Technology LTM4603 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTM4603/LTM4603-1
1
4603f
6A DC/DC µModule
with PLL, Output Tracking
and Margining
■ Telecom and Networking Equipment
■ Servers
■ Industrial Equipment
■ Point of Load Regulation
■ Complete Switch Mode Power Supply
■ Wide Input Voltage Range: 4.5V to 20V
■ 6A DC Typical, 8A Peak Output Current
■ 0.6V to 5V Output Voltage
■ Output Voltage Tracking and Margining
■ Remote Sensing for Precision Regulation
(LTM4603 Only)
■ Typical Operating Frequency: 1MHz
■ PLL Frequency Synchronization
■ 1.5% Regulation
■ Current Foldback Protection (Disabled at Start-Up)
■ Pin Compatible with the LTM4601
■ Pb-Free (e4) RoHS Compliant Package with Gold
Finish Pads
■ Ultrafast Transient Response
■ Current Mode Control
■ Up to 93% Efficiency at 5VIN, 3.3VOUT
■ Programmable Soft-Start
■ Output Overvoltage Protection
■ Small Footprint, Low Profile (15mm × 15mm ×
2.8mm) Surface Mount LGA Package
1.5V/6A Power Supply with 4.5V to 20V Input
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
Efficiency vs Load Current with 12VIN
The LTM
®4603 is a complete 6A step-down switch mode
DC/DC power supply with onboard switching controller,
MOSFETs, inductor and all support components. The
µModuleTM is housed in a small surface mount 15mm
×
15mm
× 2.8mm LGA package. Operating over an input
voltage range of 4.5 to 20V, the LTM4603 supports an
output voltage range of 0.6V to 5V as well as output voltage
tracking and margining. The high efficiency design deliv-
ers 6A continuous current (8A peak). Only bulk input and
output capacitors are needed to complete the design.
The low profile (2.8mm) and light weight (1.73g) package
easily mounts on the unused space on the back side of
PC boards for high density point of load regulation. The
µModule can be synchronized with an external clock for
reducing undesirable frequency harmonics and allows
PolyPhase
® operation for high load currents.
A high switching frequency and adaptive on-time current
mode architecture deliver a very fast transient response
to line and load changes without sacrificing stability. An
onboard remote sense amplifier can be used to accurately
regulate an output voltage independent of load current.
The onboard remote sense amplifier is not available in the
LTM4603-1. The LTM4603/LTM4603-1 are pin compatible
with the 12A LTM4601/LTM4601-1.
, LT, LTC, LTM and PolyPhase are registered trademarks of Linear Technology
Corporation.
µModule is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
VOUT
VFB
MARG0
MARG1
VOUT_LCL
DIFFVOUT
VOSNS
+
VOSNS
–
PGOOD
RUN
COMP
INTVCC
DRVCC
MPGM
TRACK/SS
PLLIN
LTM4603
ON/OFF
392k
13.3k
MARGIN
CONTROL
COUT
4603 TA01a
VOUT
1.5V
6A
CLOCK SYNC
TRACK/SS CONTROL
100pF
CIN
VIN
fSET
PGND
SGND
5% MARGIN
VIN
4.5V TO 20V
OUTPUT CURRENT (A)
0
0.60
0.90
0.95
1.00
2
4
5
4603 TA01b
0.50
0.45
0.80
0.70
0.55
0.85
0.40
0.75
0.65
1
3
6
7
12VIN, 1.2VOUT
12VIN, 1.5VOUT
12VIN, 1.8VOUT
12VIN, 2.5VOUT
12VIN, 3.3VOUT
12VIN, 5VOUT


Similar Part No. - LTM4603

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4603 LINER-LTM4603 Datasheet
343Kb / 24P
10A High Effi ciency DC/DC 關Module
LTM4603 LINER-LTM4603 Datasheet
253Kb / 22P
Complete Switch Mode Power Supply
LTM4603 LINER-LTM4603 Datasheet
436Kb / 24P
58V, 2A Step-Down 關Module Regulator
LTM4603 LINER-LTM4603 Datasheet
448Kb / 26P
20V, 6A DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4603-1 LINER-LTM4603-1_15 Datasheet
448Kb / 26P
20V, 6A DC/DC Module Regulator with PLL, Output Tracking and Margining
More results

Similar Description - LTM4603

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4601 LINER-LTM4601 Datasheet
389Kb / 28P
12A DC/DC 關Modules with PLL, Output Tracking and Margining
LTM4601A LINER-LTM4601A Datasheet
365Kb / 28P
12A DC/DC 關Modules with PLL, Output Tracking and Margining
LTM4601AHV LINER-LTM4601AHV Datasheet
356Kb / 28P
12A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4601HV LINER-LTM4601HV Datasheet
383Kb / 28P
12A 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4603HV LINER-LTM4603HV Datasheet
338Kb / 24P
6A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
logo
Linear Dimensions Semic...
LTM4601HVIVPBF LINEAR_DIMENSIONS-LTM4601HVIVPBF Datasheet
520Kb / 30P
12A 28VIN DC/DC 關Module Regulator with PLL, Output Tracking and Margining
logo
Linear Technology
LTM4603HV LINER-LTM4603HV_15 Datasheet
313Kb / 26P
6A, 28VIN DC/DC Module with PLL, Output Tracking and Margining
LTM4601AHV LINER-LTM4601AHV_15 Datasheet
1,006Kb / 30P
12A, 28VIN DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4603 LINER-LTM4603_15 Datasheet
448Kb / 26P
20V, 6A DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4603-1 LINER-LTM4603-1_15 Datasheet
448Kb / 26P
20V, 6A DC/DC Module Regulator with PLL, Output Tracking and Margining
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com