Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4602V Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4602V
Description  6A High Effi ciency DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4602V Datasheet(HTML) 5 Page - Linear Technology

  LTM4602V Datasheet HTML 1Page - Linear Technology LTM4602V Datasheet HTML 2Page - Linear Technology LTM4602V Datasheet HTML 3Page - Linear Technology LTM4602V Datasheet HTML 4Page - Linear Technology LTM4602V Datasheet HTML 5Page - Linear Technology LTM4602V Datasheet HTML 6Page - Linear Technology LTM4602V Datasheet HTML 7Page - Linear Technology LTM4602V Datasheet HTML 8Page - Linear Technology LTM4602V Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
4602fa
LTM4602
Start-Up, No Load, IOUT = 0A
Start-Up, IOUT = 6A
(Resistive Load)
Short-Circuit Protection,
IOUT = 0A
Short-Circuit Protection,
IOUT = 6A
VIN to VOUT Step-Down Ratio
(See Figure 21 for all curves)
VIN (V)
0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
515
4602 G14
10
20
5V
3.3V
2.5V
1.8V
1.5V
1.2V
fADJ = OPEN
SEE FREQUENCY ADJUSTMENT DISCUSSION
FOR 12VIN TO 5VOUT AND 5VIN TO 3.3VOUT
CONVERSION
0.6V
VIN = 12V
VOUT = 1.5V
COUT = 1 × 22μF, 6.3V X5R
330μF, 4V SANYO POSCAP
NO EXTERNAL SOFT-START CAPACITOR
200μs/DIV
4602 G10
VOUT
0.5V/DIV
IIN
0.5A/DIV
VIN = 12V
VOUT = 1.5V
COUT = 1 × 22μF, 6.3V X5R
330μF, 4V SANYO POSCAP
NO EXTERNAL SOFT-START CAPACITOR
500μs/DIV
4602 G11
VOUT
0.5V/DIV
IIN
0.5A/DIV
VIN = 12V
VOUT = 1.5V
COUT = 1 × 22μF, 6.3V X5R
330μF, 4V SANYO POSCAP
NO EXTERNAL SOFT-START CAPACITOR
20μs/DIV
4602 G12
VOUT
0.5V/DIV
IIN
0.5A/DIV
VIN = 12V
VOUT = 1.5V
COUT = 1 × 22μF, 6.3V X5R
330μF, 4V SANYO POSCAP
NO EXTERNAL SOFT-START CAPACITOR
20μs/DIV
4602 G13
VOUT
0.5V/DIV
IIN
0.5A/DIV
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com