Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4606 Datasheet(PDF) 16 Page - Linear Technology

Part # LTM4606
Description  Ultralow EMI 28VIN, 6A DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4606 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM4606 Datasheet HTML 12Page - Linear Technology LTM4606 Datasheet HTML 13Page - Linear Technology LTM4606 Datasheet HTML 14Page - Linear Technology LTM4606 Datasheet HTML 15Page - Linear Technology LTM4606 Datasheet HTML 16Page - Linear Technology LTM4606 Datasheet HTML 17Page - Linear Technology LTM4606 Datasheet HTML 18Page - Linear Technology LTM4606 Datasheet HTML 19Page - Linear Technology LTM4606 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTM4606
16
4606f
APPLICATIONS INFORMATION
Table 2. Output Voltage Response Versus Component Matrix (Refer to Figure 20)
TYPICAL MEASURED VALUES
COUT1 VENDORS
PART NUMBER
COUT2 VENDORS
PART NUMBER
TAIYO YUDEN
JMK316BJ226ML-T501 (22μF, 6.3V)
SANYO POSCAP
6TPE220MIL (220μF, 6.3V)
TAIYO YUDEN
JMK325BJ476MM-T (47μF, 6.3V)
SANYO POSCAP
2R5TPE330M9 (330μF, 2.5V)
TDK
C3225X5R0J476M (47μF, 6.3V)
SANYO POSCAP
4TPE330MCL (330μF, 4V)
VOUT
(V)
CIN
(CERAMIC)
CIN
(BULK)
COUT1
(CERAMIC)
COUT2
(BULK)
VIN
(V)
DROOP
(mV)
PEAK TO
PEAK (mV)
RECOVERY
TIME (μs)
LOAD STEP
(A/μs)
RFB
(k
Ω)
1.2
2
× 10μF 35V
150μF 35V
1 × 22μF 6.3V
330μF 4V
5
34
68
30
3
60.4
1.2
2
× 10μF 35V
150μF 35V
1 × 47μF 6.3V
330μF 2.5V
5
22
40
26
3
60.4
1.2
2
× 10μF 35V
150μF 35V
2 × 47μF 6.3V
220μF 6.3V
5
20
40
24
3
60.4
1.2
2
× 10μF 35V
150μF 35V
4 × 47μF 6.3V
NONE
5
32
60
18
3
60.4
1.2
2 × 10μF 35V
150μF 35V
1 × 22μF 6.3V
330μF 4V
12
34
68
30
3
60.4
1.2
2 × 10μF 35V
150μF 35V
1 × 47μF 6.3V
330μF 2.5V
12
22
40
26
3
60.4
1.2
2 × 10μF 35V
150μF 35V
2 × 47μF 6.3V
220μF 6.3V
12
20
39
24
3
60.4
1.2
2 × 10μF 35V
150μF 35V
4 × 47μF 6.3V
NONE
12
29.5
55
18
3
60.4
1.5
2 × 10μF 35V
150μF 35V
1 × 22μF 6.3V
330μF 4V
5
35
70
30
3
40.2
1.5
2 × 10μF 35V
150μF 35V
1 × 47μF 6.3V
330μF 2.5V
5
25
48
30
3
40.2
1.5
2 × 10μF 35V
150μF 35V
2 × 47μF 6.3V
220μF 6.3V
5
24
47.5
26
3
40.2
1.5
2 × 10μF 35V
150μF 35V
4 × 47μF 6.3V
NONE
5
36
68
26
3
40.2
1.5
2 × 10μF 35V
150μF 35V
1 × 22μF 6.3V
330μF 4V
12
35
70
30
3
40.2
1.5
2 × 10μF 35V
150μF 35V
1 × 47μF 6.3V
330μF 2.5V
12
25
48
30
3
40.2
1.5
2 × 10μF 35V
150μF 35V
2 × 47μF 6.3V
220μF 6.3V
12
24
45
26
3
40.2
1.5
2 × 10μF 35V
150μF 35V
4 × 47μF 6.3V
NONE
12
32.6
61.9
26
3
40.2
1.8
2 × 10μF 35V
150μF 35V
1 × 22μF 6.3V
330μF 4V
5
38
76
37
3
30.1
1.8
2 × 10μF 35V
150μF 35V
1 × 47μF 6.3V
330μF 2.5V
5
29.5
57.5
30
3
30.1
1.8
2 × 10μF 35V
150μF 35V
2 × 47μF 6.3V
220μF 6.3V
5
28
55
26
3
30.1
1.8
2 × 10μF 35V
150μF 35V
4 × 47μF 6.3V
NONE
5
43
80
26
3
30.1
1.8
2 × 10μF 35V
150μF 35V
1 × 22μF 6.3V
330μF 4V
12
38
76
37
3
30.1
1.8
2 × 10μF 35V
150μF 35V
1 × 47μF 6.3V
330μF 2.5V
12
28
55
30
3
30.1
1.8
2 × 10μF 35V
150μF 35V
2 × 47μF 6.3V
220μF 6.3V
12
27
52
26
3
30.1
1.8
2 × 10μF 35V
150μF 35V
4 × 47μF 6.3V
NONE
12
36.4
70
26
3
30.1
2.5
2 × 10μF 35V
150μF 35V
1 × 22μF 6.3V
330μF 4V
5
38
78
40
3
19.1
2.5
2 × 10μF 35V
150μF 35V
1 × 47μF 6.3V
330μF 4V
5
37.6
74
34
3
19.1
2.5
2 × 10μF 35V
150μF 35V
2 × 47μF 6.3V
220μF 6.3V
5
39.5
78.1
28
3
19.1
2.5
2 × 10μF 35V
150μF 35V
4 × 47μF 6.3V
NONE
5
66
119
12
3
19.1
2.5
2 × 10μF 35V
150μF 35V
1 × 22μF 6.3V
330μF 4V
12
38
78
40
3
19.1
2.5
2 × 10μF 35V
150μF 35V
1 × 47μF 6.3V
330μF 4V
12
34.5
66.3
34
3
19.1
2.5
2 × 10μF 35V
150μF 35V
2 × 47μF 6.3V
220μF 6.3V
12
35.8
68.8
28
3
19.1
2.5
2 × 10μF 35V
150μF 35V
4 × 47μF 6.3V
NONE
12
50
98
18
3
19.1
3.3
2 × 10μF 35V
150μF 35V
1 × 22μF 6.3V
330μF 4V
7
42
86
40
3
13.3
3.3
2 × 10μF 35V
150μF 35V
1 × 47μF 6.3V
330μF 4V
7
47
89
32
3
13.3
3.3
2 × 10μF 35V
150μF 35V
2 × 47μF 6.3V
220μF 6.3V
7
50
94
28
3
13.3
3.3
2 × 10μF 35V
150μF 35V
4 × 47μF 6.3V
NONE
7
75
141
14
3
13.3
3.3
2 × 10μF 35V
150μF 35V
1 × 22μF 6.3V
330μF 4V
12
42
86
40
3
13.3
3.3
2 × 10μF 35V
150μF 35V
1 × 47μF 6.3V
330μF 4V
12
47
88
32
3
13.3
3.3
2 × 10μF 35V
150μF 35V
2 × 47μF 6.3V
220μF 6.3V
12
50
94
28
3
13.3
3.3
2 × 10μF 35V
150μF 35V
4 × 47μF 6.3V
NONE
12
69
131
22
3
13.3
5
2 × 10μF 35V
150μF 35V
4 × 47μF 6.3V
NONE
15
110
215
20
3
8.25
5
2 × 10μF 35V
150μF 35V
4 × 47μF 6.3V
NONE
20
110
217
20
3
8.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com