Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1771 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1771
Description  10mA Quiescent Current High Efficiency Step-Down DC/DC Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1771 Datasheet(HTML) 1 Page - Linear Technology

  LTC1771 Datasheet HTML 1Page - Linear Technology LTC1771 Datasheet HTML 2Page - Linear Technology LTC1771 Datasheet HTML 3Page - Linear Technology LTC1771 Datasheet HTML 4Page - Linear Technology LTC1771 Datasheet HTML 5Page - Linear Technology LTC1771 Datasheet HTML 6Page - Linear Technology LTC1771 Datasheet HTML 7Page - Linear Technology LTC1771 Datasheet HTML 8Page - Linear Technology LTC1771 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1771
s
Very Low Standby Current: 10
µA
s
Available in Space-Saving 8-Lead MSOP Package
s
Output Currents: Up to 5A
s
Wide VIN Range: 2.8V to 20V Operation
s
VOUT Range: 1.23V to 18V
s
High Efficiency: Over 93% Possible
s
±2% Output Accuracy
s
Very Low Dropout Operation: 100% Duty Cycle
s
Current Mode Operation for Excellent Line and
Load Transient Response
s
Defeatable Burst Mode
TM Operation
s
Short-Circuit Protected
s
Optional Programmable Soft-Start
s
Micropower Shutdown: IQ = 2µA
The LTC
®1771 is a high efficiency current mode step-
down DC/DC controller that draws as little as 10
µA DC
supply current to regulate the output at no load while
maintaining high efficiency for loads up to several amps.
The LTC1771 drives an external P-channel power MOSFET
using a current mode, constant off-time architecture. An
external sense resistor is used to program the operating
current level. Current mode control provides short-circuit
protection, excellent transient response and controlled
start-up behavior. Burst Mode operation enables the
LTC1771 to maintain high efficiency down to extremely
low currents. Shutdown mode further reduces the supply
current to a mere 2
µA. For low noise applications, Burst
Mode operation can be easily disabled with the MODE pin.
Wide input supply range of 2.8V to 18V (20V maximum)
and 100% duty cycle operation for low dropout make the
LTC1771 ideal for a wide variety of battery-powered appli-
cations where maximizing battery life is important.
The LTC1771’s availability in both 8-lead MSOP and SO
packages provides for a minimum area solution.
s
Cellular Telephones and Wireless Modems
s
1- to 4-Cell Lithium-Ion-Powered Applications
s
Portable Instruments
s
Battery-Powered Equipment
s
Battery Chargers
s
Scanners
Figure 1. High Efficiency Step-Down Converter
10
µA Quiescent Current
High Efficiency Step-Down
DC/DC Controller
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a trademark of Linear Technology Corporation.
RUN/SS
ITH
VFB
VIN
VIN
VIN
4.5V TO 18V
RC
10k
RSENSE
0.05
Ω
R2
1.64M
1%
R1
1M
1%
M1
Si6447DQ
UPS5817
L1
15
µH
CC
22OpF
CFF
5pF
22
µF
25V
COUT
150
µF
6.3V
VOUT
3.3V
2A
1771 F01
CSS
0.01
µF
PGATE
MODE
LTC1771
GND
SENSE
+
+
LTC1771 Efficiency
LOAD CURRENT (mA)
100
90
80
70
60
50
40
0.1
1
100
1000
10000
1771 F01b
10
VIN = 5V
VIN = 10V
VIN = 15V
VOUT = 3.3V
RSENSE = 0.05Ω
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC1771

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1771 LINER-LTC1771 Datasheet
205Kb / 16P
Low Quiescent Current High Efficiency Step-Down DC/DC Controller
LTC1771E LINER-LTC1771E Datasheet
205Kb / 16P
Low Quiescent Current High Efficiency Step-Down DC/DC Controller
LTC1771EMS8 LINER-LTC1771EMS8 Datasheet
205Kb / 16P
Low Quiescent Current High Efficiency Step-Down DC/DC Controller
LTC1771ES8 LINER-LTC1771ES8 Datasheet
205Kb / 16P
Low Quiescent Current High Efficiency Step-Down DC/DC Controller
LTC1771I LINER-LTC1771I Datasheet
205Kb / 16P
Low Quiescent Current High Efficiency Step-Down DC/DC Controller
More results

Similar Description - LTC1771

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1771 LINER-LTC1771 Datasheet
205Kb / 16P
Low Quiescent Current High Efficiency Step-Down DC/DC Controller
logo
Maxim Integrated Produc...
MAX746 MAXIM-MAX746 Datasheet
157Kb / 16P
High-Efficiency, PWM, Step-Down, N-Channel DC-DC Controller
19-0192; Rev 1; 11/93
MAX747 MAXIM-MAX747 Datasheet
136Kb / 12P
High-Efficiency PWM, Step-Down P-Channel DC-DC Controller
19-0171; Rev 1; 9/93
logo
List of Unclassifed Man...
SS6578 ETC-SS6578 Datasheet
221Kb / 11P
HIGH EFFICIENCY STEP DOWN DC/DC CONTROLLER
logo
Torex Semiconductor
XC9303 TOREX-XC9303_1 Datasheet
908Kb / 20P
High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
logo
Silicon Standard Corp.
SS6578 SSC-SS6578 Datasheet
226Kb / 11P
High-Efficiency, Step-Down DC/DC Controller
logo
Torex Semiconductor
XC9303B093KR-G TOREX-XC9303B093KR-G Datasheet
695Kb / 20P
High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
logo
Linear Technology
LTC1771 LINER-LTC1771_15 Datasheet
243Kb / 16P
10A Quiescent Current High Efficiency Step-Down DC/DC Controller
LTC3104 LINER-LTC3104_15 Datasheet
344Kb / 20P
2.6A Quiescent Current, 15V, 300mA Synchronous Step-Down DC/DC Converter and 10mA LDO
logo
Cypress Semiconductor
MB39C502 CYPRESS-MB39C502 Datasheet
1Mb / 46P
High Efficiency Step Down DC/DC Controller Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com