Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4606MPV-PBF Datasheet(PDF) 24 Page - Linear Technology

Part # LTM4606MPV-PBF
Description  Ultralow EMI 28VIN, 6A DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4606MPV-PBF Datasheet(HTML) 24 Page - Linear Technology

Back Button LTM4606MPV-PBF Datasheet HTML 16Page - Linear Technology LTM4606MPV-PBF Datasheet HTML 17Page - Linear Technology LTM4606MPV-PBF Datasheet HTML 18Page - Linear Technology LTM4606MPV-PBF Datasheet HTML 19Page - Linear Technology LTM4606MPV-PBF Datasheet HTML 20Page - Linear Technology LTM4606MPV-PBF Datasheet HTML 21Page - Linear Technology LTM4606MPV-PBF Datasheet HTML 22Page - Linear Technology LTM4606MPV-PBF Datasheet HTML 23Page - Linear Technology LTM4606MPV-PBF Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTM4606
24
4606f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 0708 • PRINTED IN USA
RELATED PARTS
PACKAGE PHOTOGRAPH
PART NUMBER
DESCRIPTION
COMMENTS
LTC2900
Quad Supply Monitor with Adjustable Reset Timer
Monitors Four Supplies; Adjustable Reset Timer
LTM4600
10A DC/DC μModule
Basic 10A DC/DC μModule, LGA Package
LTM4600HVMP
Military Plastic 10A DC/DC μModule
Guaranteed Operation from –55°C to 125°C Ambient, LGA Package
LTM4601/
LTM4601A
12A DC/DC μModule with PLL, Output Tracking/
Margining and Remote Sensing
Synchronizable, PolyPhase Operation, LTM4601-1/LTM4601A-1 Version has no
Remote Sensing, LGA Package
LTM4602
6A DC/DC μModule
Pin Compatible with the LTM4600, LGA Package
LTM4603
6A DC/DC μModule with PLL and Outpupt Tracking/
Margining and Remote Sensing
Synchronizable, PolyPhase Operation, LTM4603-1 Version has no Remote
Sensing, Pin Compatible with the LTM4601, LGA Package
LTM4604/
LTM4604A
Low VIN 4A DC/DC μModule
2.375V ≤ VIN ≤ 5.5V, 0.8V ≤ VOUT ≤ 5V, 9mm × 15mm × 2.3mm LGA Package
LTM4608/
LTM4608A
Low VIN 8A DC/DC μModule
2.375V ≤ VIN ≤ 5.5V; 0.6V ≤ VOUT ≤ 5V; 9mm × 15mm × 2.8mm LGA Package
LTM4612
Low Noise 4.5A, 15VOUT DC/DC μModule
Low Noise, with PLL, Output Tracking and Margining, LTM4606 Pin-Compatible
LTM8020
High VIN 0.2A DC/DC Step-Down μModule
4V ≤ VIN ≤ 36V, 1.25V ≤ VOUT ≤ 5V 6.25mm × 6.25mm × 2.3mm LGA Package
LTM8021
High VIN 0.5A DC/DC Step-Down μModule
3V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 5V 6.25mm × 11.25mm × 2.8mm LGA Package
LTM8022/LTM8023 36VIN, 1A and 2A DC/DC μModule
Pin Compatible; 4.5V ≤ VIN ≤ 36V; 9mm × 11.25mm × 2.8mm LGA Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com