Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4608AV Datasheet(PDF) 12 Page - Linear Technology

Part # LTM4608AV
Description  Low VIN, 8A DC/DC 關Module with Tracking, Margining, and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4608AV Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM4608AV Datasheet HTML 8Page - Linear Technology LTM4608AV Datasheet HTML 9Page - Linear Technology LTM4608AV Datasheet HTML 10Page - Linear Technology LTM4608AV Datasheet HTML 11Page - Linear Technology LTM4608AV Datasheet HTML 12Page - Linear Technology LTM4608AV Datasheet HTML 13Page - Linear Technology LTM4608AV Datasheet HTML 14Page - Linear Technology LTM4608AV Datasheet HTML 15Page - Linear Technology LTM4608AV Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTM4608A
12
4608afa
be used. Forced continuous operation can be enabled by
tying the MODE pin to GND. In this mode, inductor cur-
rent is allowed to reverse during low output loads, the ITH
voltage is in control of the current comparator threshold
throughout, and the top MOSFET always turns on with each
oscillator pulse. During start-up, forced continuous mode is
disabled and inductor current is prevented from reversing
until the LTM4608A’s output voltage is in regulation.
Table 3. Output Voltage Response Versus Component Matrix (Refer to Figure 18) 0A to 3A Load Step
TYPICAL MEASURED VALUES
COUT1 VENDORS
VALUE
PART NUMBER
COUT2 VENDORS
VALUE
PART NUMBER
TDK
22μF, 6.3V
C3216X7S0J226M
Sanyo POSCAP
150μF, 10V
10TPD150M
Murata
22μF, 16V
GRM31CR61C226KE15L
CIN (BULK) VENDORS VALUE
PART NUMBER
TDK
100μF, 6.3V
C4532X5R0J107MZ
Sanyo
100μF, 10V
10CE100FH
Murata
100μF, 6.3V
GRM32ER60J107M
VOUT
(V)
CIN
(CERAMIC)
CIN
(BULK)*
COUT1
(CERAMIC)
COUT2
(BULK)
ITH
C1
C3
VIN
(V)
DROOP
(mV)
PEAK-TO- PEAK
DEVIATION (mV)
RECOVERY
TIME (μs)
LOAD STEP
(A/μs)
RFB
(kΩ)
1.0
10μF
100μF
100μF × 2
None
68pF
None
5
13
26
7
3
14.7
1.0
10μF
100μF
22μF × 1
150μF × 2
None
None
100pF
5
17
34
8
3
14.7
1.0
10μF
100μF
100μF × 2
None
68pF
None
3.3
13
26
7
3
14.7
1.0
10μF
100μF
22μF × 1
150μF × 2
None
None
100pF
3.3
17
34
10
3
14.7
1.0
10μF
100μF
100μF × 2
None
68pF
None
2.7
13
26
7
3
14.7
1.0
10μF
100μF
22μF × 1
150μF × 2
None
None
100pF
2.7
17
34
8
3
14.7
1.2
10μF
100μF
100μF × 2
None
100pF
None
5
16
32
8
3
10
1.2
10μF
100μF
22μF × 1
150μF × 2
None
None
100pF
5
20
41
10
3
10
1.2
10μF
100μF
100μF × 2
None
100pF
None
3.3
16
32
8
3
10
1.2
10μF
100μF
22μF × 1
150μF × 2
None
None
100pF
3.3
20
41
10
3
10
1.2
10μF
100μF
100μF × 2
None
100pF
None
2.7
16
32
10
3
10
1.2
10μF
100μF
22μF × 1
150μF × 2
None
47pF
None
2.7
16
32
8
3
10
1.5
10μF
100μF
100μF × 2
None
100pF
None
5
18
36
8
3
6.65
1.5
10μF
100μF
22μF × 1
150μF × 2
None
None
47pF
5
20
41
12
3
6.65
1.5
10μF
100μF
100μF × 2
None
100pF
None
3.3
16
32
10
3
6.65
1.5
10μF
100μF
22μF × 1
150μF × 2
None
None
47pF
3.3
20
41
12
3
6.65
1.5
10μF
100μF
100μF × 2
None
100pF
None
2.7
18
36
10
3
6.65
1.5
10μF
100μF
22μF × 1
150μF × 2
None
None
None
2.7
20
41
12
3
6.65
1.8
10μF
100μF
100μF × 1
None
47pF
None
5
22
42
8
3
4.87
1.8
10μF
100μF
22μF × 1
150μF × 2
None
None
47pF
5
21
42
12
3
4.87
1.8
10μF
100μF
100μF × 2
None
120pF
None
3.3
21
43
12
3
4.87
1.8
10μF
100μF
22μF × 1
150μF × 2
None
None
47pF
3.3
21
41
12
3
4.87
1.8
10μF
100μF
100μF × 2
None
120pF
None
2.7
22
44
12
3
4.87
1.8
10μF
100μF
22μF × 1
150μF × 2
None
None
None
2.7
21
42
14
3
4.87
2.5
10μF
100μF
100μF × 1
None
100pF
None
5
28
42
10
3
3.09
2.5
10μF
100μF
22μF × 1
150μF × 1
None
22pF
None
5
33
60
10
3
3.09
2.5
10μF
100μF
100μF × 1
None
100pF
None
3.3
30
60
10
3
3.09
2.5
10μF
100μF
22μF × 1
150μF × 1
None
22pF
None
3.3
21
41
10
3
3.09
3.3
10μF
100μF
100μF × 1
100pF
22pF
None
5
38
74
10
3
2.21
3.3
10μF
100μF
22μF × 1
150μF × 1
None
None
None
5
39
75
12
3
2.21
*Bulk capacitance is optional if VIN has very low input impedance.
APPLICATIONS INFORMATION
Multiphase Operation
For output loads that demand more than 8A of current,
multiple LTM4608As can be cascaded to run out of phase
to provide more output current without increasing input and
output voltage ripple. The CLKIN pin allows the LTM4608A
to synchronize to an external clock (between 0.75MHz
and 2.25MHz) and the internal phase locked loop allows



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com