Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4616 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4616
Description  Dual 8A per Channel Low VIN DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4616 Datasheet(HTML) 3 Page - Linear Technology

  LTM4616 Datasheet HTML 1Page - Linear Technology LTM4616 Datasheet HTML 2Page - Linear Technology LTM4616 Datasheet HTML 3Page - Linear Technology LTM4616 Datasheet HTML 4Page - Linear Technology LTM4616 Datasheet HTML 5Page - Linear Technology LTM4616 Datasheet HTML 6Page - Linear Technology LTM4616 Datasheet HTML 7Page - Linear Technology LTM4616 Datasheet HTML 8Page - Linear Technology LTM4616 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTM4616
3
4616fa
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the –40°C to 125°C
internal operating temperature range. TA = 25°C, VIN = 5V unless otherwise noted. Per the typical application in Figure 18. Specified
as each channel (Note 3).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IQ(VIN1, VIN2)
Input Supply Bias Current
VIN = 3.3V, VOUT = 1.5V, No Switching, Mode = VIN
VIN = 3.3V, VOUT = 1.5V, No Switching, Mode = 0V
VIN = 3.3V, VOUT = 1.5V, Switching Continuous
400
1.15
55
μA
mA
mA
VIN = 5V, VOUT = 1.5V, No Switching, Mode = VIN
VIN = 5V, VOUT = 1.5V, No Switching, Mode = 0V
VIN = 5V, VOUT = 1.5V, Switching Continuous
450
1.3
75
μA
mA
mA
Shutdown, RUN = 0, VIN = 5V
1
μA
IS(VIN1, VIN2)
Input Supply Current
VIN = 3.3V, VOUT = 1.5V, IOUT = 8A
VIN = 5V, VOUT = 1.5V, IOUT = 8A
4.5
2.93
A
A
Output Specifications
IOUT1(DC), IOUT2(DC)
Output Continuous Current Range
(Note 4)
VOUT = 1.5V
VIN = 3.3V, 5.5V
VIN = 2.7V
0
0
8
5
A
A
ΔVOUT1(LINE)/VOUT1
ΔVOUT2(LINE)/VOUT2
Line Regulation Accuracy
VOUT = 1.5V, VIN from 2.7V to 5.5V, IOUT = 0A
●
0.1
0.25
%/V
ΔVOUT1(LOAD)/VOUT1
ΔVOUT2(LOAD)/VOUT2
Load Regulation Accuracy
VOUT = 1.5V (Note 4)
VIN = 3.3V, 5.5V, ILOAD = 0A to 8A
VIN = 2.7V, ILOAD = 0A to 5A
●
●
0.3
0.3
0.5
0.5
%
%
VOUT1(AC), VOUT2(AC) Output Ripple Voltage
IOUT = 0A, COUT = 100μF X5R Ceramic, VIN = 5V,
VOUT = 1.5V
10
mVP-P
fS1, fS2
Switching Frequency
IOUT = 8A, VIN = 5V, VOUT = 1.5V
1.25
1.5
1.75
MHz
fSYNC1, fSYNC2
SYNC Capture Range
0.75
2.25
MHz
ΔVOUT1(START),
ΔVOUT2(START)
Turn-On Overshoot
COUT = 100μF, VOUT = 1.5V, IOUT = 0A
VIN = 3.3V
VIN = 5V
10
10
mV
mV
tSTART1, tSTART2
Turn-On Time
COUT = 100μF, VOUT = 1.5V, VIN = 5V,
IOUT = 1A Resistive Load, Track = VIN
100
μs
ΔVOUT1(LS),
ΔVOUT2(LS)
Peak Deviation for Dynamic Load
Load: 0% to 50% to 0% of Full Load,
COUT = 100μF Ceramic x2, 470μF POSCAP,
VIN = 5V, VOUT = 1.5V
20
mV
tSETTLE1, tSETTLE2
Settling Time for Dynamic Load
Step
Load: 0% to 50% to 0% of Full Load, VIN = 5V,
VOUT = 1.5V, COUT = 100μF
10
μs
IOUT1(PK), IOUT2(PK)
Output Current Limit
COUT = 100μF
VIN = 2.7V, VOUT = 1.5V
VIN = 3.3V, VOUT = 1.5V
VIN = 5V, VOUT = 1.5V
8
11
13
A
A
A
Control Section
FB1, FB2
Voltage at FB Pin
IOUT = 0A, VOUT = 1.5V, VIN = 2.7V to 5.5V
●
0.590
0.587
0.596
0.596
0.602
0.606
V
V
SS Delay
Internal Soft-Start Delay
90
μs
IFB
0.2
μA
VRUN1, VRUN2
RUN Pin On/Off Threshold
RUN Rising
RUN Falling
1.4
1.3
1.55
1.4
1.7
1.5
V
V
TRACK1, TRACK2
Tracking Threshold (Rising)
Tracking Threshold (Falling)
Tracking Disable Threshold
RUN = VIN
RUN = 0V
0.57
0.18
VIN – 0.5
V
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com