Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4612MPV Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4612MPV
Description  Ultralow Noise 36VIN, 15VOUT, 5A, DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4612MPV Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4612MPV Datasheet HTML 16Page - Linear Technology LTM4612MPV Datasheet HTML 17Page - Linear Technology LTM4612MPV Datasheet HTML 18Page - Linear Technology LTM4612MPV Datasheet HTML 19Page - Linear Technology LTM4612MPV Datasheet HTML 20Page - Linear Technology LTM4612MPV Datasheet HTML 21Page - Linear Technology LTM4612MPV Datasheet HTML 22Page - Linear Technology LTM4612MPV Datasheet HTML 23Page - Linear Technology LTM4612MPV Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTM4612
21
4612f
DRVCC
fSET
TRACK/SS
PGOOD
RUN
COMP
INTVCC
FCB
MARG0
MARG1
MPGM
VOUT
VFB
VD
VIN
5V
R2
100k
C7
0.15μF
C6
22pF
C3
22μF
6.3V
4612 F23
C4
220μF
6.3V
5V AT 5A
C11
0.1μF
C5
100μF
50V
C2
10μF
50V
C8
10μF
50V
VIN
7V TO 36V
LTC6908-1
2-PHASE
OSCILLATOR
PLLIN
CLOCK SYNC
0° PHASE
CLOCK SYNC
180° PHASE
SGND
PGND
PGOOD
RUN
COMP
INTVCC
DRVCC
fSET
TRACK/SS
VIN
VD
PLLIN
SGND
5V TRACK
PGND
MARGIN
CONTROL
R4
100k
RfSET1
150k
RFB1
13.7k
R1
392k
R8
100k
R9
22.1k
RfSET2
100k
R3
100k
R7
100k
3.3V
R5
200k
V+
GND
SET
OUT1
OUT2
MOD
+
VOUT
VFB
FCB
MARG0
MARG1
MPGM
C1
22pF
C9
22μF
6.3V
C10
220μF
6.3V
3.3V AT 5A
MARGIN
CONTROL
RFB2
22.1k
R6
392k
+
+
LTM4612
LTM4612
5% MARGIN
C1
10μF
50V
C11
10μF
50V
Figure 23. 2-Phase, 5V and 3.3V at 5A Design with 500kHz Frequency
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com