Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSHA550 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSHA550
Description  High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSHA550 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSHA550 Datasheet HTML 1Page - Vishay Siliconix TSHA550 Datasheet HTML 2Page - Vishay Siliconix TSHA550 Datasheet HTML 3Page - Vishay Siliconix TSHA550 Datasheet HTML 4Page - Vishay Siliconix TSHA550 Datasheet HTML 5Page - Vishay Siliconix TSHA550 Datasheet HTML 6Page - Vishay Siliconix TSHA550 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number 81020
Rev. 1.3, 07-Apr-04
VISHAY
TSHA550.
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Optical Characteristics
Tamb = 25 °C, unless otherwise specified
Type Dedicated Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward Voltage
IF = 100 mA, tp = 20 ms
VF
1.5
1.8
V
Temp. Coefficient of VF
IF = 100 mA
TKVF
- 1.6
mV/K
Reverse Current
VR = 5 V
IR
100
µA
Junction capacitance
VR = 0 V, f = 1 MHz, E = 0
Cj
20
pF
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Temp. Coefficient of
φe
IF = 20 mA
TK
φe
- 0.7
%/K
Angle of Half Intensity
ϕ
± 24
deg
Peak Wavelength
IF = 100 mA
λp
875
nm
Spectral Bandwidth
IF = 100 mA
∆λ
80
nm
Temp. Coefficient of
λp
IF = 100 mA
TK
λp
0.2
nm/K
Rise Time
IF = 100 mA
tr
600
ns
IF = 1.5 A
tr
300
ns
Fall Time
IF = 100 mA
tf
600
ns
IF = 1.5 A
tf
300
ns
Virtual Source Diameter
∅
2.2
mm
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Forward Voltage
IF = 1.5 A, tp = 100 µs
TSHA5500
VF
3.2
4.9
V
TSHA5501
VF
3.2
4.9
V
TSHA5502
VF
3.2
4.5
V
TSHA5503
VF
3.2
4.5
V
Radiant Intensity
IF = 100 mA, tp = 20 ms
TSHA5500
Ie
12
20
60
mW/sr
TSHA5501
Ie
16
25
60
mW/sr
TSHA5502
Ie
20
30
60
mW/sr
TSHA5503
Ie
24
35
60
mW/sr
IF = 1.5 A, tp = 100 µs
TSHA5500
Ie
150
240
mW/sr
TSHA5501
Ie
200
300
mW/sr
TSHA5502
Ie
250
360
mW/sr
TSHA5503
Ie
300
420
mW/sr
Radiant Power
IF = 100 mA, tp = 20 ms
TSHA5500
φe
22
mW
TSHA5501
φe
23
mW
TSHA5502
φe
24
mW
TSHA5503
φe
25
mW



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com