Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1921 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1921
Description  Dual -48V Supply and Fuse Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1921 Datasheet(HTML) 5 Page - Linear Technology

  LTC1921 Datasheet HTML 1Page - Linear Technology LTC1921 Datasheet HTML 2Page - Linear Technology LTC1921 Datasheet HTML 3Page - Linear Technology LTC1921 Datasheet HTML 4Page - Linear Technology LTC1921 Datasheet HTML 5Page - Linear Technology LTC1921 Datasheet HTML 6Page - Linear Technology LTC1921 Datasheet HTML 7Page - Linear Technology LTC1921 Datasheet HTML 8Page - Linear Technology LTC1921 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC1921
5
1921f
VA (Pin 1): Supply to be Monitored. The voltage at this pin
is compared to the valid supply voltage window and the
result is output at OUT A (Pin 5). Supply current is drawn
from VA as well as from VB (Pin 8).
FUSE A (Pin 2): This pin monitors the state of a fuse by
comparing the voltage at this pin to the voltage at VA
(Pin 1). The result is output at OUT F (Pin 4).
RTN (Pin 3): Supply Return Reference. This pin must be
at an equal or higher potential than the other pins and
should be wired to the – 48V return.
OUT F (Pin 4): This pin indicates the state of the external
fuses by ORing the comparisons made to the FUSE A and
FUSE B pins. If VFUSEA ≅ VA (VFUSEA is within the specified
window around VA) and VFUSEB ≅ VB, then OUT F will
exhibit a high internal impedance to the RTN pin. If
VFUSEA ≠ VA or VFUSEB ≠ VB, then OUT F is shorted
internally to the RTN pin and can shunt enough current to
turn off an optoisolator or LED wired between these pins.
OUT F should be clamped externally so that it cannot be
driven more than 8V below RTN. This is done automati-
cally by the optoisolator or LED diodes shown in the
application circuits.
OUT A (Pin 5): Indicates the state of VA. If VA is within the
specified voltage window (neither undervoltage nor over-
voltage), OUT A will exhibit a high internal impedance to the
OUT F pin. If VA is outside the specified overvoltage or
undervoltage limits, then OUT A is shorted internally to the
OUT F pin and can shunt enough current to turn off an
optoisolatoror LED wired between these pins. OUT A should
be clamped externally so that it cannot be driven more than
8V below RTN. This is done automatically by the
optoisolator or LED diodes shown in the application circuits.
OUT B (Pin 6): Indicates the state of VB. If VB is within the
specified voltage window (neither undervoltage nor over-
voltage), OUT B will exhibit a high internal impedance to the
OUT A pin. If VB is outside the specified overvoltage or
undervoltage limits, then OUT B is shorted internally to the
OUT A pin and can shunt enough current to turn off an
optoisolatoror LED wired between these pins. OUT B should
be clamped externally so that it cannot be driven more than
8V below RTN. This is done automatically by the
optoisolator or LED diodes shown in the application circuits.
FUSE B (Pin 7): This pin monitors the state of a fuse by
comparing the voltage at this pin to the voltage at VB
(Pin 8). The result is output at OUT F (Pin 4).
VB (Pin 8): Supply to be Monitored. The voltage at this pin
is compared to the valid supply voltage window and the
result is output at OUT B (Pin 6). Supply current is drawn
from VB as well as from VA (Pin 1).
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com