Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1960 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1960
Description  Dual Battery Charger/Selector with SPI Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1960 Datasheet(HTML) 2 Page - Linear Technology

  LTC1960 Datasheet HTML 1Page - Linear Technology LTC1960 Datasheet HTML 2Page - Linear Technology LTC1960 Datasheet HTML 3Page - Linear Technology LTC1960 Datasheet HTML 4Page - Linear Technology LTC1960 Datasheet HTML 5Page - Linear Technology LTC1960 Datasheet HTML 6Page - Linear Technology LTC1960 Datasheet HTML 7Page - Linear Technology LTC1960 Datasheet HTML 8Page - Linear Technology LTC1960 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC1960
2
1960fa
Voltage from DCIN, SCP, SCN, CLP, VPLUS,
SW to GND ................................................32V to – 0.3V
Voltage from SCH1, SCH2 to GND .............28V to – 0.3V
Voltage from BOOST to GND .....................41V to – 0.3V
PGND with Respect to GND ..................................
±0.3V
CSP, CSN, BAT1, BAT2 to GND ....................28V to – 5V
LOPWR, DCDIV to GND .............................10V to – 0.3V
TJMAX = 125°C, θJA = 34°C/W
THE EXPOSED PAD (PIN 39) IS GND. MUST BE SOLDERED TO THE PCB.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The ● denotes specifications which apply over the full operating
temperature range (Note 7), otherwise specifications are at TA = 25°C. VDCIN = 20V, VBAT1 = 12V, VBAT2 = 12V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply and Reference
DCIN Operating Range
DCIN Selected
6
28
V
ICH
DCIN Operating Current
Not Charging (DCIN Selected)
1
1.5
mA
Charging (DCIN Selected)
1.3
2
mA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
TOP VIEW
G PACKAGE
36-LEAD PLASTIC SSOP
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
SCH2
GCH2
GCH1
SCH1
TGATE
BOOST
SW
DCIN
VCC
BGATE
PGND
COMP1
CLP
CSP
CSN
MOSI
MISO
SCK
VPLUS
BAT2
BAT1
SCN
SCP
GDCO
GDCI
GB1O
GB1I
GB2O
GB2I
LOPWR
VSET
ITH
ISET
GND
DCDIV
SSB
SSB, SCK, MOSI, MISO to GND ................... 7V to –0.3V
COMP1 to GND ............................................ 5V to –0.3V
Operating Ambient Temperature
Range (Note 7) ........................................ 0
°C to 70°C
Operating Junction Temperature .......... – 40
°C to 125°C
Storage Temperature ............................ – 65
°C to 185°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
LTC1960CUHF
UHF PART MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges.
TJMAX = 125°C, θJA = 95°C/ W
ORDER PART NUMBER
LTC1960CG
1960
13 14 15 16
TOP VIEW
39
UHF PACKAGE
38-LEAD (5mm
× 7mm) PLASTIC QFN
17 18 19
38 37 36 35 34 33 32
24
25
26
27
28
29
30
31
8
7
6
5
4
3
2
1
VSET
ITH
ISET
GND
DCDIV
SSB
SCK
MISO
MOSI
GND
CSN
CSP
SCP
SCN
BAT1
BAT2
VPLUS
GND
SCH2
GCH2
GCH1
SCH1
TGATE
BOOST
23
22
21
20
9
10
11
12
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com