Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1998 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1998
Description  2.5關A, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1998 Datasheet(HTML) 2 Page - Linear Technology

  LTC1998 Datasheet HTML 1Page - Linear Technology LTC1998 Datasheet HTML 2Page - Linear Technology LTC1998 Datasheet HTML 3Page - Linear Technology LTC1998 Datasheet HTML 4Page - Linear Technology LTC1998 Datasheet HTML 5Page - Linear Technology LTC1998 Datasheet HTML 6Page - Linear Technology LTC1998 Datasheet HTML 7Page - Linear Technology LTC1998 Datasheet HTML 8Page - Linear Technology LTC1998 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC1998
2
1998fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (BATT or VLOGIC to GND)............6V
Voltage
VTH.A, VH.A ....................... BATT + 0.3V to GND – 0.3V
BATTLO..........................VLOGIC + 0.3V to GND – 0.3V
Operating Temperature Range (Note 3).... –40°C to 85°C
Specified Temperature Range (Note 4)
LTC1998C ............................................ –40°C to 85°C
LTC1998I.............................................. –40°C to 85°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
6 BATTLO
5 VLOGIC
4 VH.A
BATT 1
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC SOT-23
GND 2
VTH.A 3
TJMAX = 150°C, θJA = 250°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1998CS6#PBF
LTC1998CS6#TRPBF
LTTY
6-Lead Plastic SOT-23
–40°C to 85°C
LTC1998IS6#PBF
LTC1998IS6#TRPBF
LTTY
6-Lead Plastic SOT-23
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1998CS6
LTC1998CS6#TR
LTTY
6-Lead Plastic SOT-23
–40°C to 85°C
LTC1998IS6
LTC1998IS6#TR
LTTY
6-Lead Plastic SOT-23
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com