Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1998CS6 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1998CS6
Description  2.5關A, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1998CS6 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1998CS6 Datasheet HTML 4Page - Linear Technology LTC1998CS6 Datasheet HTML 5Page - Linear Technology LTC1998CS6 Datasheet HTML 6Page - Linear Technology LTC1998CS6 Datasheet HTML 7Page - Linear Technology LTC1998CS6 Datasheet HTML 8Page - Linear Technology LTC1998CS6 Datasheet HTML 9Page - Linear Technology LTC1998CS6 Datasheet HTML 10Page - Linear Technology LTC1998CS6 Datasheet HTML 11Page - Linear Technology LTC1998CS6 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LTC1998
10
1998fa
APPLICATIONS INFORMATION
The calculation of the resistor values R1, R2 and R3 is
quite straightforward and similar to the procedure outlined
in the previous paragraph.
Choose a value for the sum of R1 + R2 + R3 as well as the
values for low battery threshold and hysteresis.
Solve for resistor R1:
RR
R
R
V
VTH
11
2
3
5
1
2
=+ +
⎛
⎝⎜
⎞
⎠⎟
()
–
Solve for the sum of
() (
)
–
.
RR
RR
R
V
VBATT Th
12
12
3
5
1
+=
+ +
⎛
⎝⎜
⎞
⎠⎟
then solve for R2 and R3.
Example: A system needs to detect a low battery
voltage of 3V (VBATT.Th = 3V) with 250mV hysteresis
(VTH2 = 3.25V). Set the value of the resistor divider
(R1 + R2 + R3) = 1M.
R1 = 539k, R1 + R2 = 667k, R2 = 128k, R3 = 333k.
Choose the closest 1% values, that is 536k, 332k, 127k.
Figure 4 graphically shows the function of the LTC1998 as
described above.
Figure 4. LTC1998 Function Plot
VERSATILE OUTPUT DRIVER
VLOGIC, BATTLO (Pins 5,6)
The LTC1998 uses a CMOS push-pull output stage to drive
the low battery output signal. This output pin (BATTLO)
has a separate supply pin, (VLOGIC) that can be used to
provide an output voltage rail matching the VDD logic of
microprocessors. The VLOGIC pin may be tied to a volt-
age lower than the voltage at the BATT pin. The VLOGIC
pin may also be tied to a voltage higher than VBATT via a
series resistor greater than 10k. The output will then act
as an open-drain device.
In a given application, if it is possible for BATTLO to be
shorted to GND or a supply, a series resistor should be
added to limit the short-circuit current to 5mA.
1998 F04
PROGRAMMABLE
THRESHOLD RANGE
HYSTERESIS
PROGRAMMED
HYSTERESIS
THRESHOLD
PROGRAMMED
LOW BATT
THRESHOLD
VLOGIC
BATTLO
BATTERY VOLTAGE
RECOVERS UNDER
REDUCED LOAD
BATTERY
VOLTAGE
3.25V
2.50V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com