Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCM040600 Datasheet(PDF) 2 Page - celduc-relais

Part # SCM040600
Description  MOSFET BASED DC SOLID STATE RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SCM040600 Datasheet(HTML) 2 Page - celduc-relais

  SCM040600 Datasheet HTML 1Page - celduc-relais SCM040600 Datasheet HTML 2Page - celduc-relais SCM040600 Datasheet HTML 3Page - celduc-relais SCM040600 Datasheet HTML 4Page - celduc-relais SCM040600 Datasheet HTML 5Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
celduc®
r
e
l
a
i
s
S/CON/SCM040600/A/16/03/05
Page 2/5 GB
CONTROL INPUT CHARACTERISTICS
CHARACTERISTIC
LABEL
VALUE
INFO.
Control voltage range
Uc
4.5 – 32VDC
Current consumption
Ic
25 – 42mADC for control voltage range
See fig. 5
Typical turn on voltage
Ucontyp
4.3V
Min. releasing voltage
Ucoffmin
1VDC
Typical releasing voltage
Ucofftyp
3.5V
Max. input voltage
Ucmax
32VDC
Max. reverse voltage
-Ucmax
32VDC
Max. reverse leakage current
-Icmax
100µA
Input impedance
Re
Current limitation
See fig. 5
POWER OUTPUT CHARACTERISTICS
CHARACTERISTIC
LABEL
VALUE
INFO.
Mains voltage range
Ue
Depends on protection clamping voltage (D1)
Non-repetitive peak voltage
Utp
600V
Overvoltage protection
D1
Not integrated
A voltage clamping mean must be connected across the
terminals 1 & 2 (see fig 1 & 2)
See Instruction
sheet for selective
the right
protective
components
Reverse voltage (internal diode)
-Ut
1,2V
@Ie=-47A
@Uc=0
Max. repetitive avalanche
current
Iep
20A
Pulse width
limited by Tj
max
Max. single pulse avalanche
energy
Eep
1800mJ
@Ut=50V
@Ie=10A
Max. repetitive pulse avalanche
energy
Eep
1mJ
@Ie=20A
Resistive
Motor
Maximum nominal currents
Ie
40A
Please consult us
See fig. 7
Values with
heatsink
Non-repetitive peak overload
current
Iepeak
140A
See fig. 8
Min. load current
Iemin
0mA
Max. leakage current
Ielk
250µADC
@Utp @Tjmax
Max. on-state resistance
RDSon
140mΩ
@Iemax @Tjmax
Typ. output capacitance
Cout
2.2nF
Junction/case thermal
resistance per power element
Rthjc
0.4K/W
Total = 1
power
elements
Built-in heatsink thermal
resistance vertically mounted
Rthra
8K/W
@∆Tra=60°C
Heatsink thermal time constant
Tthra
10min
@∆Tra=60°C
Control inputs/power outputs
insulation voltage
Uimp
4kV
Inputs/case insulation voltage
Uimp
4kV
Outputs/case insulation voltage
Uimp
4kV
Isolation resistance
Rio
1GΩ
Isolation capacitance
Cio
<8pF
Maximum junction temperature
Tjmax
150°C
Storage ambient temperature
Tstg
-40->+100°C
Operating ambient temperature
Tamb
-40->+90°C
See fig. 7
Max. case temperature
Tc
100°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com