Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2050CS5 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2050CS5
Description  Zero-Drift Operational Amplifi ers in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2050CS5 Datasheet(HTML) 3 Page - Linear Technology

  LTC2050CS5 Datasheet HTML 1Page - Linear Technology LTC2050CS5 Datasheet HTML 2Page - Linear Technology LTC2050CS5 Datasheet HTML 3Page - Linear Technology LTC2050CS5 Datasheet HTML 4Page - Linear Technology LTC2050CS5 Datasheet HTML 5Page - Linear Technology LTC2050CS5 Datasheet HTML 6Page - Linear Technology LTC2050CS5 Datasheet HTML 7Page - Linear Technology LTC2050CS5 Datasheet HTML 8Page - Linear Technology LTC2050CS5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC2050/LTC2050HV
3
2050fb
ORDER INFORMATION
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC2050CS5
LTC2050CS5#TR
LTAEG
5-Lead Plastic TSOT-23
0°C to 70°C
LTC2050IS5
LTC2050IS5#TR
LTAEG
5-Lead Plastic TSOT-23
–40°C to 85°C
LTC2050HS5
LTC2050HS5#TR
LTAEG
5-Lead Plastic TSOT-23
–40°C to 125°C
LTC2050HVCS5
LTC2050HVCS5#TR
LTAEH
5-Lead Plastic TSOT-23
0°C to 70°C
LTC2050HVIS5
LTC2050HVIS5#TR
LTAEH
5-Lead Plastic TSOT-23
–40°C to 85°C
LTC2050HVHS5
LTC2050HVHS5#TR
LTAEH
5-Lead Plastic TSOT-23
–40°C to 125°C
LTC2050CS6
LTC2050CS6#TR
LTAEJ
6-Lead Plastic TSOT-23
0°C to 70°C
LTC2050IS6
LTC2050IS6#TR
LTAEJ
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC2050HS6
LTC2050HS6#TR
LTAEJ
6-Lead Plastic TSOT-23
–40°C to 125°C
LTC2050HVCS6
LTC2050HVCS6#TR
LTAEK
6-Lead Plastic TSOT-23
0°C to 70°C
LTC2050HVIS6
LTC2050HVIS6#TR
LTAEK
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC2050HVHS6
LTC2050HVHS6#TR
LTAEK
6-Lead Plastic TSOT-23
–40°C to 125°C
LTC2050CS8
LTC2050CS8#TR
2050
8-Lead Plastic SO
0°C to 70°C
LTC2050IS8
LTC2050IS8#TR
2050I
8-Lead Plastic SO
–40°C to 85°C
LTC2050HVCS8
LTC2050HVCS8#TR
2050HV
8-Lead Plastic SO
0°C to 70°C
LTC2050HVIS8
LTC2050HVIS8#TR
050HVI
8-Lead Plastic SO
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com