Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP1237WI1 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TSOP1237WI1
Description  IR Receiver Modules for Remote Control Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP1237WI1 Datasheet(HTML) 5 Page - Vishay Siliconix

  TSOP1237WI1 Datasheet HTML 1Page - Vishay Siliconix TSOP1237WI1 Datasheet HTML 2Page - Vishay Siliconix TSOP1237WI1 Datasheet HTML 3Page - Vishay Siliconix TSOP1237WI1 Datasheet HTML 4Page - Vishay Siliconix TSOP1237WI1 Datasheet HTML 5Page - Vishay Siliconix TSOP1237WI1 Datasheet HTML 6Page - Vishay Siliconix TSOP1237WI1 Datasheet HTML 7Page - Vishay Siliconix TSOP1237WI1 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VISHAY
TSOP12..WI1
Document Number 82022
Rev. 1.7, 27-Jan-05
Vishay Semiconductors
www.vishay.com
5
Suitable Data Format
The circuit of the TSOP12..WI1 is designed in that
way that unexpected output pulses due to noise or
disturbance signals are avoided. A bandpass filter, an
integrator stage and an automatic gain control are
used to suppress such disturbances.
The distinguishing mark between data signal and dis-
turbance signal are carrier frequency, burst length
and duty cycle.
The data signal should fulfill the following conditions:
• Carrier frequency should be close to center fre-
quency of the bandpass (e.g. 38 kHz).
• Burst length should be 10 cycles/burst or longer.
• After each burst which is between 10 cycles and 70
cycles a gap time of at least 14 cycles is necessary.
• For each burst which is longer than 1.8 ms a corre-
sponding gap time is necessary at some time in the
data stream. This gap time should be at least 4 times
longer than the burst.
• Up to 800 short bursts per second can be received
continuously.
Some examples for suitable data format are: NEC
Code (repetitive pulse), NEC Code (repetitive data),
Toshiba Micom Format, Sharp Code, RC5 Code,
RC6 Code, R-2000 Code, Sony Code.
When a disturbance signal is applied to the
TSOP12..WI1 it can still receive the data signal. How-
ever the sensitivity is reduced to that level that no
unexpected pulses will occur.
Some examples for such disturbance signals which
are suppressed by the TSOP12..WI1 are:
• DC light (e.g. from tungsten bulb or sunlight)
• Continuous signal at 38 kHz or at any other fre-
quency
• Signals from fluorescent lamps with electronic bal-
last with high or low modulation (see Figure 14 or Fig-
ure 15).
Figure 13. Vertical Directivity
ϕ
y
95 11339p2
0.4
0.2
0
0.2
0.4
0.6
0.6
0.9
0
°
30
°
10
°
20
°
40
°
50
°
60
°
70
°
80
°
1.0
0.8
0.7
drel - Relative Transmission Distance
Figure 14. IR Signal from Fluorescent Lamp with low Modulation
Figure 15. IR Signal from Fluorescent Lamp with high Modulation
0
5
10
15
20
Time ( ms )
16920
IR Signal from fluorescent
lamp with low modulation
0
5
10
15
20
Time ( ms )
16921
IR Signal from fluorescent
lamp with high modulation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com