Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWTA4650 Datasheet(PDF) 6 Page - celduc-relais

Part # SWTA4650
Description  DIGITAL THREE PHASE ANGLE CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SWTA4650 Datasheet(HTML) 6 Page - celduc-relais

  SWTA4650 Datasheet HTML 1Page - celduc-relais SWTA4650 Datasheet HTML 2Page - celduc-relais SWTA4650 Datasheet HTML 3Page - celduc-relais SWTA4650 Datasheet HTML 4Page - celduc-relais SWTA4650 Datasheet HTML 5Page - celduc-relais SWTA4650 Datasheet HTML 6Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
celduc
®
r
e
l
a
i
s
celduc®
r
e
l
a
i
s
S/GRA/SWTA4650/C/23/07/2002
Page 6/6 GB
DIMENSIONS AND ACCESSORIES
Fig. 9
DIMENSIONS
CHARACTERISTIC
LABEL
VALUE
INFO.
Contact type
Normally closed
Closing temperature
90°C +/-3°C
Opening temperature
80°C
Nominal voltage
250VAC/DC
Nominal current
6A
Contact resistance
10mΩ
Insulation between opened
contacts
10GΩ
Insulation between housing and
contacts
4kV
Isolation resistance
10GΩ
Connections
2.8mm flat tabs or welded wires
Motor
Shaded pole induction motor
Supply voltage
230VAC
Consumption
9W 68mA
Supply frequency
50->60Hz
Speed
2600 RPM
Noise level
35dbA
Connections
2.8mm flat tabs
www.celduc.com
Rue Ampère B.P. 4
42290 SORBIERS - France
Phone : 33 (0) 4 77 53 90 21 Fax : 33 (0) 4 77 53 85 51 Email : celduc-relais@celduc.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com