Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2253 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2253
Description  12-Bit, 125/105Msps Low Power 3V ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2253 Datasheet(HTML) 2 Page - Linear Technology

  LTC2253 Datasheet HTML 1Page - Linear Technology LTC2253 Datasheet HTML 2Page - Linear Technology LTC2253 Datasheet HTML 3Page - Linear Technology LTC2253 Datasheet HTML 4Page - Linear Technology LTC2253 Datasheet HTML 5Page - Linear Technology LTC2253 Datasheet HTML 6Page - Linear Technology LTC2253 Datasheet HTML 7Page - Linear Technology LTC2253 Datasheet HTML 8Page - Linear Technology LTC2253 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC2253/LTC2252
2
22532fa
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
OVDD = VDD (Notes 1, 2)
Supply Voltage (VDD) ................................................. 4V
Digital Output Ground Voltage (OGND) ....... –0.3V to 1V
Analog Input Voltage (Note 3) ..... –0.3V to (VDD + 0.3V)
Digital Input Voltage .................... –0.3V to (VDD + 0.3V)
Digital Output Voltage ................ –0.3V to (OVDD + 0.3V)
Power Dissipation ............................................ 1500mW
Operating Temperature Range
LTC2253C, LTC2252C ............................. 0
°C to 70°C
LTC2253I, LTC2252I ...........................–40
°C to 85°C
Storage Temperature Range ..................–65
°C to 125°C
ORDER PART
NUMBER
QFN PART*
MARKING
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD (PIN 33) IS GND
MUST BE SOLDERED TO PCB
2253
2252
LTC2253CUH
LTC2253IUH
LTC2252CUH
LTC2252IUH
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*The temperature grade is identified by a label on the shipping container.
32 31 30 29 28 27 26 25
9
10 11 12
TOP VIEW
UH PACKAGE
32-LEAD (5mm
× 5mm) PLASTIC QFN
13 14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
AIN
+
AIN
–
REFH
REFH
REFL
REFL
VDD
GND
D8
D7
D6
OVDD
OGND
D5
D4
D3
33
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
LTC2253
LTC2252
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
●
12
12
Bits
Integral Linearity Error
Differential Analog Input
●
–1.5
±0.3
1.5
–1.5
±0.3
1.5
LSB
(Note 5)
Differential Linearity Error
Differential Analog Input
●
–0.7
±0.15
0.7
–0.7
±0.15
0.7
LSB
Offset Error
(Note 6)
●
–12
±212
–12
±212
mV
Gain Error
External Reference
●
–2.5
±0.5
2.5
–2.5
±0.5
2.5
%FS
Offset Drift
±10
±10
µV/°C
Full-Scale Drift
Internal Reference
±30
±30
ppm/
°C
External Reference
±5
±5
ppm/
°C
Transition Noise
SENSE = 1V
0.32
0.32
LSBRMS
CO VERTER CHARACTERISTICS
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com