Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2280CUP Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2280CUP
Description  Dual 10-Bit, 105Msps Low Noise 3V ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2280CUP Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2280CUP Datasheet HTML 3Page - Linear Technology LTC2280CUP Datasheet HTML 4Page - Linear Technology LTC2280CUP Datasheet HTML 5Page - Linear Technology LTC2280CUP Datasheet HTML 6Page - Linear Technology LTC2280CUP Datasheet HTML 7Page - Linear Technology LTC2280CUP Datasheet HTML 8Page - Linear Technology LTC2280CUP Datasheet HTML 9Page - Linear Technology LTC2280CUP Datasheet HTML 10Page - Linear Technology LTC2280CUP Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC2280
7
2280fa
SAMPLE RATE (Msps)
0
120
110
130
150
160
170
80
2280 G15
140
40
20
100
60
120
180
190
200
2V RANGE
1V RANGE
SAMPLE RATE (Msps)
0
17.5
15.0
12.5
10.0
7.5
5.0
2.5
0
60
100
2280 G16
20
40
80
120
SENSE PIN (V)
0.4
61.6
0.7
2280 G17
61.0
60.6
0.5
0.6
0.8
60.4
60.2
61.8
61.4
61.2
60.8
0.9
1
1.1
INPUT LEVEL (dBFS)
–50
60
80
100
–10
2280 G14
40
20
50
70
90
30
10
0
–40
–30
–20
0
dBFS
dBc
INPUT LEVEL (dBFS)
–50
30
40
50
–20
0
2280 G13
20
10
0
–40
–30
dBFS
dBc
–10
60
70
80
SAMPLE RATE (Msps)
0
50
60
70
80
90
20
40
60
80
2280 G12
100
120
140
SFDR
SNR
INPUT FREQUENCY (MHz)
0
85
90
95
150
250
2280 G11
80
75
50
100
200
300
350
70
65
INPUT FREQUENCY (MHz)
0
55
56
58
59
60
65
62
100
200
250
2280 G10
57
63
64
61
50
150
300
350
TYPICAL PERFOR A CE CHARACTERISTICS
SNR and SFDR vs Sample Rate,
2V Range, fIN = 5MHz, –1dB
SNR vs Input Level,
fIN = 70MHz, 2V Range, 105Msps
SFDR vs Input Level,
fIN = 70MHz, 2V Range, 105Msps
SNR vs SENSE, fIN = 5MHz, –1dB
IOVDD vs Sample Rate, 5MHz Sine
Wave Input, –1dB, OVDD = 1.8V
IVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB
SFDR vs Input Frequency, –1dB,
2V Range, 105Msps
SNR vs Input Frequency, –1dB,
2V Range, 105Msps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com