Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2365 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2365
Description  1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2365 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2365 Datasheet HTML 9Page - Linear Technology LTC2365 Datasheet HTML 10Page - Linear Technology LTC2365 Datasheet HTML 11Page - Linear Technology LTC2365 Datasheet HTML 12Page - Linear Technology LTC2365 Datasheet HTML 13Page - Linear Technology LTC2365 Datasheet HTML 14Page - Linear Technology LTC2365 Datasheet HTML 15Page - Linear Technology LTC2365 Datasheet HTML 16Page - Linear Technology LTC2365 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC2365/LTC2366
13
23656f
APPLICATIONS INFORMATION
Figure 9b. LTC2366 Intermodulation Distortion Plot
Intermodulation Distortion
If the ADC input signal consists of more than one spectral
component, the ADC transfer function nonlinearity can
produce intermoduation distortion (IMD) in addition to
THD. IMD is the change in one sinusoidal input caused
by the presence of another sinusoidal input at a different
frequency.
If two pure sine waves of frequencies fa and fb are applied
to the ADC input, nonlinearities in the ADC transfer function
can create distortion products at the sum and difference
frequencies of mfa±nfb, where m and n = 0, 1, 2, 3, etc.
For example, the 2nd order IMD terms include (fa ± fb).
If the two input sine waves are equal in magnitude, the
value (in decibels) of the 2nd order IMD products can be
expressed by the following formula:
IMD(fa ± fb)= 20log
Amplitude at (fa ± fb)
Amplitude at fa
The LTC2365/LTC2366 have good IMD as shown in Figure
9a and Figure 9b respectively.
Peak Harmonic or Spurious Noise
The peak harmonic or spurious noise is the largest spectral
component excluding the input signal and DC. This value
is expressed in decibels relative to the RMS value of a
full-scale input signal.
Full-Power and Full-Linear Bandwidth
The full-power bandwidth is that input frequency at which
the amplitude of reconstructed fundamental is reduced by
3dB for full-scale input signal.
The full-linear bandwidth is the input frequency at which
the SINAD has dropped to 68dB (11 effective bits). The
LTC2365/LTC2366 have been designed to optimize input
bandwidth, allowing the ADC to undersample input sig-
nals with frequencies above the converter’s Nyquist Fre-
quency. The noise floor stays very low at high frequencies;
SINAD becomes dominated by distortion at frequencies
far beyond Nyquist.
Figure 9a. LTC2365 Intermodulation Distortion Plot
INPUT FREQUENCY (kHz)
0
–140
–120
–80
–60
–40
0
50
250
350
23656 F09a
–100
–20
200
450 500
100 150
300
400
VDD = 3V
fSMPL = 1Msps
fb = 396kHz
fb = 424kHz
IMD = –73.5dB
INPUT FREQUENCY (kHz)
0
0
–20
–40
–60
–80
–100
–120
–140
750
1250
23656 F09b
250
500
1000
1500
VDD = 3V
fSMPL = 3Msps
fa = 935kHz
fb = 1.045kHz
IMD = –71.5dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com