Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2273UJ Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2273UJ
Description  16-Bit, 80Msps/65Msps Serial Output ADC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2273UJ Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2273UJ Datasheet HTML 17Page - Linear Technology LTC2273UJ Datasheet HTML 18Page - Linear Technology LTC2273UJ Datasheet HTML 19Page - Linear Technology LTC2273UJ Datasheet HTML 20Page - Linear Technology LTC2273UJ Datasheet HTML 21Page - Linear Technology LTC2273UJ Datasheet HTML 22Page - Linear Technology LTC2273UJ Datasheet HTML 23Page - Linear Technology LTC2273UJ Datasheet HTML 24Page - Linear Technology LTC2273UJ Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
LTC2273/LTC2272
21
22732f
APPLICATIONS INFORMATION
CONVERTER OPERATION
The core of the LTC2273/LTC2272 are CMOS pipelined
multi-step converters with a front-end PGA. As shown
in Figure 1, the converter has five pipelined ADC stages.
A sampled analog input will result in a digitized value
nine clock cycles later (see the Timing Diagram section).
The analog input (AIN+, AIN–) is differential for improved
common mode noise immunity and to maximize the input
range. Additionally, the differential input drive will reduce
even order harmonics of the sample and hold circuit. The
encode clock input (ENC+, ENC–) is also differential for
improved common mode noise immunity.
Each pipelined stage shown in Figure 1 contains an ADC,
a reconstruction DAC, and an error residue amplifier. The
function of each stage is to produce a digital representation
of its input voltage along with the resulting analog error
residue. The ADC of each stage provides the quantization,
and the residue is produced by taking the difference between
the input voltage and the output of the reconstruction DAC.
The residue is amplified by the residue amplifier and passed
on to the next stage. The successive stages of the pipeline
operate on alternating phases of the clock so that when
odd stages are outputting their residue, the even stages
are acquiring that residue and vice versa.
The pipelined ADC of the LTC2273/LTC2272 has two phases
of operation determined by the state of the differential
ENC+/ENC– input pins. For brevity, the text will refer to
ENC+ greater than ENC– as ENC high and ENC+ less than
ENC– as ENC low.
When ENC is low, the analog input is sampled differentially
onto the input sample-and-hold capacitors, inside the “S/H
& PGA” block of Figure 1. On the rising edge of ENC, the
voltage on the sample capacitors is held. While ENC is
high, the held input voltage is buffered by the S/H amplifier
which drives the first pipelined ADC stage. The first stage
acquires the output of the S/H amplifier during the high
phase of ENC. On the falling edge of ENC, the first stage
produces its residue which is acquired by the second stage.
The process continues to the end of the pipeline.
Each ADC stage following the first has additional error
correction range to accommodate flash and amplifier offset
errors. Results from all of the ADC stages are digitally
delayed such that the results can be properly combined
in the correction logic before being encoded, serialized,
and sent to the output buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com