Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2402CMS Datasheet(PDF) 30 Page - Linear Technology

Part # LTC2402CMS
Description  1-/2-Channel 24-Bit mPower No Latency DSTMADCs in MSOP-10
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2402CMS Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC2402CMS Datasheet HTML 24Page - Linear Technology LTC2402CMS Datasheet HTML 25Page - Linear Technology LTC2402CMS Datasheet HTML 26Page - Linear Technology LTC2402CMS Datasheet HTML 27Page - Linear Technology LTC2402CMS Datasheet HTML 28Page - Linear Technology LTC2402CMS Datasheet HTML 29Page - Linear Technology LTC2402CMS Datasheet HTML 30Page - Linear Technology LTC2402CMS Datasheet HTML 31Page - Linear Technology LTC2402CMS Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
30
LTC2401/LTC2402
for the forward and return paths (R1 = R2), the auxiliary
channel on the LTC2402 can measure this drop. These
errors are then removed with simple digital correction.
The result of the first conversion on CH0 corresponds to
an input voltage of VRTD + R1 • IEXCITATION.The result of the
second conversion (CH1) is – R1 • IEXCITATION. Note, the
LTC2402’s input range is not limited to the supply rails, it
has underrange capabilities. The device’s input range is
– 300mV to VREF + 300mV. Adding the two conversion
results together, the voltage drop across the RTD’s leads
are cancelled and the final result is VRTD.
An Isolated, 24-Bit Data Acquisition System
The LTC1535 is useful for signal isolation. Figure 34
shows a fully isolated, 24-bit differential input A/D con-
verter implemented with the LTC1535 and LTC2402. Power
on the isolated side is regulated by an LT1761-5.0 low
noise, low dropout micropower regulator. Its output is
suitable for driving bridge circuits and for ratiometric
applications.
Figure 34. Complete, Isolated 24-Bit Data Acquisition System
APPLICATIO S I FOR ATIO
During power-up, the LTC2402 becomes active at VCC =
2.3V, while the isolated side of the LTC1535 must wait for
VCC2 to reach its undervoltage lockout threshold of 4.2V.
Below 4.2V, the LTC1535’s driver outputs Y and Z are in a
high impedance state, allowing the 1k
Ω pull-down to
define the logic state at SCK. When the LTC2402 first
becomes active, it samples SCK; a logic “0” provided by
the 1k
Ω pull-down invokes the external serial clock mode.
In this mode, the LTC2402 is controlled by a single clock
line from the nonisolated side of the barrier, through the
LTC1535’s driver output Y. The entire power-up sequence,
from the time power is applied to VCC1 until the LT1761’s
output has reached 5V, is approximately 1ms.
Data returns to the nonisolated side through the LTC1535’s
receiver at RO. An internal divider on receiver input B sets
a logic threshold of approximately 3.4V at input A, facili-
tating communications with the LTC2402’s SDO output
without the need for any external components.
+
+
FO
SCK
SDO
CS
GND
VCC
FSSET
CH1
CH0
ZSSET
LTC2402
24012 F09
LT1761-5
GND
10
µF
10V
TANT
10
µF
10V
TANT
+
10
µF
16V
TANT
+
10
µF
10V
TANT
10
µF
1
µF
T1
1/2 BAT54C
1/2 BAT54C
ISOLATION
BARRIER
= LOGIC COMMON
= FLOATING COMMON
T1 = COILTRONICS CTX02-14659
OR SIEMENS B78304-A1477-A3
1k
2
2
1
2
1
1
1
2
2
2
2
10
µF
CERAMIC
A
B
Y
Z
RO
RE
DE
DI
VCC2
ST2
G1
VCC1
G2
ST1
“SDO”
“SCK”
LOGIC 5V
IN
OUT
SHDN
BYP
LTC1535



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com