Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC70F Datasheet(PDF) 2 Page - Green Power Solutions srl

Part # GC70F
Description  BAR CLAMP FOR HOCKEY PUK DEVICES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GC70F Datasheet(HTML) 2 Page - Green Power Solutions srl

  GC70F Datasheet HTML 1Page - Green Power Solutions srl GC70F Datasheet HTML 2Page - Green Power Solutions srl GC70F Datasheet HTML 3Page - Green Power Solutions srl GC70F Datasheet HTML 4Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAR CLAMP FOR HOCKEY PUK DEVICES
GC70…F
ORDERING INFORMATION TABLE
Clamps can be ordered using the following part numbering system
GC70
B
N
B
A
10
F
S
(1)
(2)
(3)
(4)
(5)
(6)
(1) Construction type:
(2) Insulator position:
(3) Insulator code:
(4) Bolt code:
(5) Clamping force (in kN):
(6) Special accessories
K: Total thickness of the assembly to be clamped
For thicknesses S' Min < K < S Min an additional 4mm thick bar spacer is needed (see list of special accessories)
Type GC70BN…F: suggested insulator/bolt types
S' Min [mm]**
S Min [mm]
S Max [mm]
(3)
Ins. Length [mm]
44
48
63
A
50
54
58
73
B
70
64
68
83
B
70
74
78
93
C
95
84
88
103
C
95
94
98
113
C
95
104
108
123
D
120
** with additional bar spacer only
Type GC70BR…F: suggested insulator/bolt types
S' Min [mm]**
S Min [mm]
S Max [mm]
(3)
Ins. Length [mm]
44
48
63
A
50
54
58
73
A
50
64
68
83
B
70
74
78
93
B
70
84
88
103
C
95
94
98
113
C
95
104
108
123
C
95
** with additional bar spacer only
Type GC70SN…F: suggested insulator/bolt types
S' Min [mm]**
S Min [mm]
S Max [mm]
(3)
Ins. Length [mm]
44
48
63
A
50
54
58
73
B
70
64
68
83
B
70
74
78
93
C
95
84
88
103
C
95
94
98
113
C
95
104
108
123
D
120
** with additional bar spacer only
Type GC70SR…F: suggested insulator/bolt types
S' Min [mm]**
S Min [mm]
S Max [mm]
(3)
Ins. Length [mm]
56
60
75
B
70
66
70
85
B
70
76
80
95
B
70
86
90
105
C
95
96
100
115
C
95
106
110
125
D
120
116
120
135
D
120
** with additional bar spacer only
#
160
130
110
123
153
163
173
183
160
170
150
110
120
140
F
160
183
D
140
163
E
150
173
B
120
143
C
130
153
(4)
T [mm]
A
110
133
Z
Bolt Length [mm]
100
123
F
160
170
Allowed clearance S
Insulator choice
Max height
Bolt choice
D
140
150
E
150
160
B
120
130
C
130
140
(4)
T [mm]
A
110
120
Z
Bolt Length [mm]
100
110
Allowed clearance S
Insulator choice
Max height
Bolt choice
140
Bolt Length [mm]
133
143
120
130
140
150
100
100
Z
Bolt Length [mm]
T [mm]
Max height
T [mm]
150
160
110
120
130
E
Allowed clearance S
Insulator choice
F
B
C
D
(4)
A
Bolt choice
(4)
A
E
F
B
C
D
Z
Allowed clearance S
Insulator choice
Bolt choice
Max height
10
12
blank = no accessories
S = extra bar spacer
see table below
see table below
05
08
B = with double bar
S = with single bar
N = upper side
R = lower side
K



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com