Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2420CS8 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC2420CS8
Description  20-Bit mPower No Latency DSTM ADC in SO-8
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2420CS8 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC2420CS8 Datasheet HTML 19Page - Linear Technology LTC2420CS8 Datasheet HTML 20Page - Linear Technology LTC2420CS8 Datasheet HTML 21Page - Linear Technology LTC2420CS8 Datasheet HTML 22Page - Linear Technology LTC2420CS8 Datasheet HTML 23Page - Linear Technology LTC2420CS8 Datasheet HTML 24Page - Linear Technology LTC2420CS8 Datasheet HTML 25Page - Linear Technology LTC2420CS8 Datasheet HTML 26Page - Linear Technology LTC2420CS8 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
23
LTC2420
propagation delay from the driver to LTC2420. For refer-
ence, on a regular FR-4 board, signal propagation veloc-
ity is approximately 183ps/inch for internal traces and
170ps/inch for surface traces. Thus, a driver generating
a control signal with a minimum transition time of 1ns
must be connected to the converter pin through a trace
shorter than 2.5 inches. This problem becomes particu-
larly difficult when shared control lines are used and
multiple reflections may occur. The solution is to care-
fully terminate all transmission lines close to their char-
acteristic impedance.
Parallel termination near the LTC2420 pin will eliminate
this problem but will increase the driver power dissipation.
A series resistor between 27
Ω and 56Ω placed near the
driver or near the LTC2420 pin will also eliminate this
problem without additional power dissipation. The actual
resistor value depends upon the trace impedance and
connection topology.
Driving the Input and Reference
The analog input and reference of the typical delta-sigma
analog-to-digital converter are applied to a switched ca-
pacitor network. This network consists of capacitors switch-
ing between the analog input (VIN), ground (Pin 4) and the
reference (VREF). The result is small current spikes seen at
both VIN and VREF. A simplified input equivalent circuit is
shown in Figure 16.
The key to understanding the effects of this dynamic input
current is based on a simple first order RC time constant
model. Using the internal oscillator, the LTC2420’s inter-
nal switched capacitor network is clocked at 153,600Hz
corresponding to a 6.5
µs sampling period. Fourteen time
constants are required each time a capacitor is switched in
order to achieve 1ppm settling accuracy.
Therefore, the equivalent time constant at VIN and VREF
should be less than 6.5
µs/14 = 460ns in order to achieve
1ppm accuracy.
Input Current (VIN)
If complete settling occurs on the input, conversion re-
sults will be uneffected by the dynamic input current. If the
settling is incomplete, it does not degrade the linearity
performance of the device. It simply results in an offset/
full-scale shift, see Figure 17. To simplify the analysis of
input dynamic current, two separate cases are assumed:
large capacitance at VIN (CIN > 0.01µF) and small capaci-
tance at VIN (CIN < 0.01µF).
If the total capacitance at VIN (see Figure 18) is small
(< 0.01
µF), relatively large external source resistances (up
to 80k for 20pF parasitic capacitance) can be tolerated
without any offset/full-scale error. Figures 19 and 20 show
a family of offset and full-scale error curves for various
small valued input capacitors (CIN < 0.01µF) as a function
of input source resistance.
APPLICATIO S I FOR ATIO
VREF
VIN
VCC
RSW
5k
AVERAGE INPUT CURRENT:
IIN = 0.25(VIN – 0.5 • VREF)fCEQ
IREF(LEAK)
IREF(LEAK)
VCC
RSW
5k
CEQ
1pF (TYP)
RSW
5k
IIN(LEAK)
IIN
2420 F16
IIN(LEAK)
SWITCHING FREQUENCY
f = 153.6kHz FOR INTERNAL OSCILLATOR (fO = LOGIC LOW OR HIGH)
f = fEOSC FOR EXTERNAL OSCILLATORS
GND
Figure 16. LTC2420 Equivalent Analog Input Circuit
0
TUE
VREF/2
VIN
2420 F17
VREF
CIN
2420 F18
INTPUT
SIGNAL
SOURCE
RSOURCE
VIN
LTC2420
CPAR
≅20pF
Figure 17. Offset/Full-Scale Shift
Figure 18. An RC Network at VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com