Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2498 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2498
Description  24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2498 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2498 Datasheet HTML 17Page - Linear Technology LTC2498 Datasheet HTML 18Page - Linear Technology LTC2498 Datasheet HTML 19Page - Linear Technology LTC2498 Datasheet HTML 20Page - Linear Technology LTC2498 Datasheet HTML 21Page - Linear Technology LTC2498 Datasheet HTML 22Page - Linear Technology LTC2498 Datasheet HTML 23Page - Linear Technology LTC2498 Datasheet HTML 24Page - Linear Technology LTC2498 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LTC2498
21
2498fc
External Serial Clock, Single Cycle Operation
This timing mode uses an external serial clock to shift out
the conversion result and CS to monitor and control the
state of the conversion cycle, see Figure 6.
The external serial clock mode is selected during the power-
up sequence and on each falling edge of CS. In order to
enter and remain in the external SCK mode of operation,
SCK must be driven LOW both at power up and on each
CS falling edge. If SCK is HIGH on the falling edge of CS,
the device will switch to the internal SCK mode.
The serial data output pin (SDO) is Hi-Z as long as CS is
HIGH. At any time during the conversion cycle, CS may be
pulled LOW in order to monitor the state of the converter.
While CS is LOW, EOC is output to the SDO pin.
EOC = 1 while a conversion is in progress and EOC = 0 if
the conversion is complete and the device is in the sleep
state. Independent of CS, the device automatically enters
the sleep state once the conversion is complete; however,
in order to reduce the power, CS must be HIGH.
When the device is in the sleep state, its conversion result
is held in an internal static shift register. The device remains
in the sleep state until the first rising edge of SCK is seen
while CS is LOW. The input data is then shifted in via the
SDI pin on each rising edge of SCK (including the first rising
edge). The channel selection and converter configuration
mode will be used for the following conversion cycle. If
the input channel or converter configuration is changed
during this I/O cycle, the new settings take effect on the
conversion cycle following the data input/output cycle.
The output data is shifted out the SDO pin on each falling
edge of SCK. This enables external circuitry to latch the
output on the rising edge of SCK. EOC can be latched on
the first rising edge of SCK and the last bit of the conver-
sion result can be latched on the 32nd rising edge of SCK.
On the 32nd falling edge of SCK, the device begins a new
conversion and SDO goes HIGH (EOC = 1) indicating a
conversion is in progress.
At the conclusion of the data cycle, CS may remain LOW
and EOC monitored as an end-of-conversion interrupt.
APPLICATIONS INFORMATION
Figure 6. External Serial Clock, Single Cycle Operation
Hi-Z
2498 F06
Hi-Z
CS
SCK
(EXTERNAL)
SDI
SDO
CONVERSION
SLEEP
DATA INPUT/OUTPUT
CONVERSION
VCC
FO
REF+
REF–
CH0
CH7
CH8
CH15
COM
SCK
SDI
SDO
CS
GND
28
35
29
30
8
15
16
23
7
38
37
1,3,4,5,6,31,32,33,39
36
34
REFERENCE
VOLTAGE
0.1V TO VCC
ANALOG
INPUTS
= EXTERNAL OSCILLATOR
= INTERNAL OSCILLATOR
10μF
0.1μF
LTC2498
2.7V TO 5.5V
4-WIRE
SPI INTERFACE
•
•
•
•
•
•
•
•
•
•
•
•
EOC
BIT 28 BIT 27 BIT 26 BIT 25 BIT 24 BIT 23 BIT 22 BIT 21
BIT 20 BIT 19
BIT 29
BIT 30
BIT 31
BIT 18 BIT 17
BIT 0
12
3
4
5
6
7
8
9
10
11
12
13
14
32
1
0
EN
SGL
A2
A1
A0
EN2
IM
FA
FB
SPD
ODD
DON'T CARE
DON'T CARE
MSB
SIG
“0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com