Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2856-2 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2856-2
Description  20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2856-2 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2856-2 Datasheet HTML 9Page - Linear Technology LTC2856-2 Datasheet HTML 10Page - Linear Technology LTC2856-2 Datasheet HTML 11Page - Linear Technology LTC2856-2 Datasheet HTML 12Page - Linear Technology LTC2856-2 Datasheet HTML 13Page - Linear Technology LTC2856-2 Datasheet HTML 14Page - Linear Technology LTC2856-2 Datasheet HTML 15Page - Linear Technology LTC2856-2 Datasheet HTML 16Page - Linear Technology LTC2856-2 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC2856-1/LTC2856-2
LTC2857-1/LTC2857-2
LTC2858-1/LTC2858-2
13
285678fe
APPLICATIONS INFORMATION
High Speed Considerations
A ground plane layout is recommended. A 0.1μF bypass
capacitor less than one-quarter inch away from the VCC pin
is also recommended. The PC board traces connected to
signals A/B and Z/Y should be symmetrical and as short
as possible to maintain good differential signal integrity.
To minimize capacitive effects, the differential signals
should be separated by more than the width of a trace
and should not be routed on top of each other if they are
on different signal planes.
Care should be taken to route outputs away from any
sensitive inputs to reduce feedback effects that might
cause noise, jitter or even oscillations. For example, in the
full-duplex LTC2857-1, DI and A/B should not be routed
near the driver or receiver outputs.
The logic inputs have 100mV of hysteresis to provide noise
immunity. Fast edges on the outputs can cause glitches in
the ground and power supplies which are exacerbated by
capacitive loading. If a logic input is held near its threshold
(typically 1.5V), a noise glitch from a driver transition may
exceed the hysteresis levels on the logic and data input
pins causing an unintended state change. This can be
avoided by maintaining normal logic levels on the pins
and by slewing inputs through their thresholds by faster
than 1V/μs when transitioning. Good supply decoupling
and proper line termination also reduce glitches caused
by driver transitions.
Cable Length vs Data Rate
For a given data rate, the maximum transmission distance
is bounded by the cable properties. A typical curve of cable
length vs data rate compliant with the RS485 standard is
shown in Figure 9. Three regions of this curve reflect differ-
ent performance limiting factors in data transmission. In the
flat region of the curve, maximum distance is determined
by resistive losses in the cable. The downward sloping
region represents limits in distance and data rate due to
AC losses in the cable. The solid vertical line represents the
specified maximum data rate in the RS485 standard. The
dashed line at 250kbps shows the maximum data rate of
the low-EMI LTC2856-2, LTC2857-2, and LTC2858-2. The
dashed line at 20Mbps shows the maximum data rates of
the LTC2856-1, LTC2857-1 and LTC2858-1.
Figure 8. Supply Current vs Data Rate
Cable Termination
Proper cable termination is very important for good
signal fidelity. If the cable is not terminated with its char-
acteristic impedance, reflections will result in distorted
waveforms.
RS485 transceivers typically communicate over twisted-
pair cables with characteristic impedance ranging from
100
Ω to 120Ω. Each end of the network should be termi-
nated with a discrete resistor matching the characteristic
impedance or with an LTC2859/LTC2861 transceiver with
integrated termination capability.
Figure 9. Cable Length vs Data Rate
(RS485 Standard Shown in Solid Vertical Lines)
DATA RATE (kbps)
102
45
65
70
75
103
104
105
285678 F08
60
55
50
RDIFF = 54Ω
CL = 1000pF
CL = 100pF
285678 F09
DATA RATE (bps)
10k
1M
10M
100k
100M
100
1k
10
10k
LOW-EMI MODE
MAX DATA RATE
RS485 MAX
DATA RATE
NORMAL
MODE MAX
DATA RATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com