Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWT6281 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWT6281
Description  HELP3TM 900 MHz/WCDMA 3.4 V/29 dBm HSPA Linear Power Amplifier Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6281 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWT6281 Datasheet HTML 1Page - ANADIGICS, Inc AWT6281 Datasheet HTML 2Page - ANADIGICS, Inc AWT6281 Datasheet HTML 3Page - ANADIGICS, Inc AWT6281 Datasheet HTML 4Page - ANADIGICS, Inc AWT6281 Datasheet HTML 5Page - ANADIGICS, Inc AWT6281 Datasheet HTML 6Page - ANADIGICS, Inc AWT6281 Datasheet HTML 7Page - ANADIGICS, Inc AWT6281 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
11/2008
AWT6281
HELP3TM 900 MHz/WCDMA 3.4 V/29 dBm
HSPA Linear Power Amplifier Module
Data Sheet - Rev 2.4
M20 Package
10 Pin 4 mm x 4 mm x 1 mm
Surface Mount Module
Figure 1: Block Diagram
FEATURES
• InGaP HBT Technology
• High Efficiency:
42 % @ POUT = +29 dBm
21 % @ POUT = +16 dBm
8.5 % @ POUT = +8 dBm
(without DC/DC Converter)
• Low Quiescent Current: 7 mA
• Low Leakage Current in Shutdown Mode: <1 µA
• Internal Voltage Regulator Eliminates the
Need for External Reference Voltage (No VREF
Required)
• Optimized for a 50 Ω System
• Low Profile Miniature Surface Mount Package
• RoHS Compliant Package, 250 oC MSL-3
• HSPA Compliant (no backoff)
APPLICATIONS
• WCDMA/HSPA 900 MHz Band Wireless
Handsets and Data Devices
PRODUCT DESCRIPTION
The AWT6281 HELP3TM PA is the 3rd generation
WCDMA product for UMTS handsets. This PA
incorporates ANADIGICS’ HELP3TM technology to
provide low power consumption without the need for an
external voltage regulator. The device is manufactured
on an advanced InGaP HBT MMIC technology offering
state-of-the-art reliability, temperature stability, and
ruggedness. There are three selectable bias modes
that optimize efficiency for different output power
levels, and a shutdown mode with low leakage
current, increase handset talk and standby time. The
self-contained 4 mm x 4 mm x 1 mm surface mount
package incorporates matching networks optimized for
output power, efficiency, and linearity in a 50 Ω system.
AWT6281R


Similar Part No. - AWT6281

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6280 ANADIGICS-AWT6280 Datasheet
585Kb / 16P
Quad-band GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
11/2008
AWT6280RM11P8 ANADIGICS-AWT6280RM11P8 Datasheet
585Kb / 16P
Quad-band GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
11/2008
AWT6280RM11P9 ANADIGICS-AWT6280RM11P9 Datasheet
585Kb / 16P
Quad-band GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
11/2008
AWT6282 ANADIGICS-AWT6282 Datasheet
421Kb / 8P
HELP3TM 1700/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6282RM20P8 ANADIGICS-AWT6282RM20P8 Datasheet
421Kb / 8P
HELP3TM 1700/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
11/2008
More results

Similar Description - AWT6281

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6272R ANADIGICS-AWT6272R Datasheet
215Kb / 8P
HELP Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
Rev 1.5
AWT6278 ANADIGICS-AWT6278 Datasheet
417Kb / 8P
HELP3TM PCS/WCDMA 3.4 V/29.5 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6279 ANADIGICS-AWT6279 Datasheet
415Kb / 8P
HELP3TM IMT/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6282 ANADIGICS-AWT6282 Datasheet
421Kb / 8P
HELP3TM 1700/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6224R ANADIGICS-AWT6224R Datasheet
378Kb / 8P
HELP3TM Dual-band 900 MHz/IMT UMTS 3.4 V HSPA Linear Power Amplifier Module
Rev 2.2
AWT6272 ANADIGICS-AWT6272 Datasheet
441Kb / 8P
HELPTM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
Rev 2.1
AWT6273 ANADIGICS-AWT6273 Datasheet
420Kb / 8P
HELP3TM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWU6602 ANADIGICS-AWU6602 Datasheet
565Kb / 13P
HELP3TM Band 2 / WCDMA 3.4 V / 29 dBm Linear PA Module
Rev 2.0
AWU6605 ANADIGICS-AWU6605 Datasheet
568Kb / 13P
HELP3TM Band 5 / WCDMA 3.4 V / 28.5 dBm Linear PA Module
AWU6608 ANADIGICS-AWU6608 Datasheet
567Kb / 13P
HELP3TM Band 8 / WCDMA 3.4 V / 28.5 dBm Linear PA Module
Rev 1.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com